Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 187 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 187 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 183Page - Microchip Technology KSZ9563R Datasheet HTML 184Page - Microchip Technology KSZ9563R Datasheet HTML 185Page - Microchip Technology KSZ9563R Datasheet HTML 186Page - Microchip Technology KSZ9563R Datasheet HTML 187Page - Microchip Technology KSZ9563R Datasheet HTML 188Page - Microchip Technology KSZ9563R Datasheet HTML 189Page - Microchip Technology KSZ9563R Datasheet HTML 190Page - Microchip Technology KSZ9563R Datasheet HTML 191Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 187
KSZ9563R
5.3.2.5
Static Address Table Entry 3 Register
5.3.2.6
Static Address Table Entry 4 Register
5.3.3
RESERVED MULTICAST ADDRESS TABLE
The Reserved Multicast Address Table determines the forwarding ports for 48 specific multicast addresses. The table
is addressed by the least significant 6 bits of the multicast address, and the table contents are the bits (the PORT_FOR-
WARD field) that represent each possible forwarding port of the device. It is not addressed by the group number in the
first column of Table 4-6. Note that the 48 addresses are organized into 8 fixed groups, and changing a forwarding port
for one address also makes the same change for all other addresses in the same group.
The Reserved Multicast Table is accessed in the same manner as the Static Address Table, using the same indirect
access registers. The Static Address and Reserved Multicast Table Control Register is used for indexing and read/write
control, while the Reserved Multicast Address Table Entry 2 Register is used for the data fields.
5.3.3.1
Reserved Multicast Table Write Operation
1.
Write the PORT_FORWARD value to the Reserved Multicast Address Table Entry 2 Register.
2.
Write to the Static Address and Reserved Multicast Table Control Register.
a) Write the TABLE_INDEX field with the 6-bit index value.
b) Set the TABLE_SELECT bit to 1 to select the Reserved Multicast Table.
c) Set the ACTION bit to 0 to indicate a write operation.
d) Set the START_FINISH bit to 1 to initiate the operation.
3.
When the operation is complete, the START_FINISH bit will be cleared automatically.
5.3.3.2
Reserved Multicast Table Read Operation
1.
Write to the Static Address and Reserved Multicast Table Control Register.
a) Write the TABLE_INDEX field with the 6-bit index value.
b) Set the TABLE_SELECT bit to 1 to select the Reserved Multicast Table.
c) Set the ACTION bit to 1 to indicate a read operation.
d) Set the START_FINISH bit to 1 to initiate the operation.
2.
When the operation is complete, the START_FINISH bit will be cleared automatically.
a) Read the contents of the indexed entry from the Reserved Multicast Address Table Entry 2 Register.
Address:
0x0428 - 0x042B
Size:
32 bits
Bits
Description
Type
Default
31:23
RESERVED
RO
0x000
22:16
FID
VLAN group ID for matching
R/W
000_0000b
15:0
MAC Address [47:32]
R/W
0x0000
Address:
0x042C - 0x042F
Size:
32 bits
Bits
Description
Type
Default
31:0
MAC Address [31:0]
R/W
0x00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com