Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 190 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 190 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 186Page - Microchip Technology KSZ9563R Datasheet HTML 187Page - Microchip Technology KSZ9563R Datasheet HTML 188Page - Microchip Technology KSZ9563R Datasheet HTML 189Page - Microchip Technology KSZ9563R Datasheet HTML 190Page - Microchip Technology KSZ9563R Datasheet HTML 191Page - Microchip Technology KSZ9563R Datasheet HTML 192Page - Microchip Technology KSZ9563R Datasheet HTML 193Page - Microchip Technology KSZ9563R Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 226 page
background image
KSZ9563R
DS00002419D-page 190
 2017-2018 Microchip Technology Inc.
5.3.5.1
ACL Table Read
1.
Write to the Port ACL Access Control 0 Register with the table entry number (0 to 15) in the ACL Index field, and
the Write/Read bit 4 cleared to zero. This one write to this register initiates the read operation.
2.
Poll the Read Status bit in the Port ACL Access Control 0 Register to determine when the read operation is com-
plete.
3.
When the operation is complete, data may be retrieved from the Port ACL Access 0 Register through Port ACL
Access F Register.
TABLE 5-5:
ACL FIELD REGISTER MAPPING
Register
Bits
MD = 01
ENB = 00
Count Mode
MD = 01
ENB ≠ 00
MD = 10
MD = 11
0xN600
7:4
RESERVED
3:0
Process Field: FRN [3:0]
0xN601
7:6
RESERVED
5:4
MD [1:0]
3:2
ENB [1:0]
1S / D
0EQ
0xN602
7:0
MAC ADDRESS [47:0]
IP Address [31:0]
MAX PORT [15:0]
0xN603
7:0
0xN604
7:0
MIN PORT [15:0]
0xN605
7:0
0xN606
7:3
IP MASK [31:0]
RESERVED
2:1
PC [1:0]
0
PRO [7:0]
0xN607
7:1
0
FME
0xN608
7:0
TYPE [15:0]
FMSK [7:0]
0xN609
7:0
FLAG [7:0]
0xN60A
7:6
COUNT [10:3]
Action Rule: PM [1:0]
5:3
Action Rule: P [2:0]
2
Action Rule: RPE
1:0
Action Rule: RP [2:1]
0xN60B
7
COUNT [2:0]
Action Field: RP [0]
6:5
Action Field: MM [1:0]
4:0
RESERVED
0xN60C
7:0
RESERVED
0xN60D
7
RESERVED
6
TU
Action Field: FORWARD [6:0]
5CA
4:0
RESERVED
0xN60E
7:0
Process Field: RuleSet [15:8]
0xN60F
7:0
Process Field: RuleSet [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com