Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 199 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 199 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 195Page - Microchip Technology KSZ9563R Datasheet HTML 196Page - Microchip Technology KSZ9563R Datasheet HTML 197Page - Microchip Technology KSZ9563R Datasheet HTML 198Page - Microchip Technology KSZ9563R Datasheet HTML 199Page - Microchip Technology KSZ9563R Datasheet HTML 200Page - Microchip Technology KSZ9563R Datasheet HTML 201Page - Microchip Technology KSZ9563R Datasheet HTML 202Page - Microchip Technology KSZ9563R Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 199
KSZ9563R
6.4
Timing Specifications
This section details the various timing specifications of the device.
6.4.1
RGMII TIMING
Figure 6-1 illustrates the RGMII timing requirements.
Note 6-3
For cases where there is no (or insufficient) skew between the input data and input clock, it is
possible to add internal delay to the TX_CLK pinout by setting the RGMII Ingress Internal Delay bit
in the XMII Port Control 1 Register register. This feature reduces the setup time requirement and
increases the hold time requirement nominally by 1.3ns.
Note 6-4
The RGMII interface adheres to the RGMII Specification Version 2.0, which specified that the driving
device delay the output clock relative to the output data. This is the TSKEW parameter. This skew can
Note:
The I2C interface timing adheres to the NXP I2C-Bus Specification (UM10204, Rev. 6) (high-speed mode
and slower). Refer to the I2C-Bus Specification for additional information.
FIGURE 6-1:
RGMII TIMING
TABLE 6-2:
RGMII TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
TSETUP
Data to clock input setup (Note 6-3)1.1
ns
THOLD
Data to clock input hold (Note 6-3)0.9
ns
TSKEW
Data to clock output skew (Note 6-4)1.2
2.0
ns
TCYC
Clock cycle duration (Note 6-5)
7.288.8
ns
Duty_G
1000Mbps duty cycle
45
50
55
%
Duty_T
10/100Mbps duty cycle
40
50
60
%
Tr / Tf
Rise / Fall time (20-80%)
Note 6-6
ns
TX_CLK
TX_CTL
TXD[3:0]
TCYC
TSETUP
THOLD
TSETUP
THOLD
RX_CTL
RXD[3:0]
RX_CLK
TSKEW
TCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com