Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 200 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 200 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 196Page - Microchip Technology KSZ9563R Datasheet HTML 197Page - Microchip Technology KSZ9563R Datasheet HTML 198Page - Microchip Technology KSZ9563R Datasheet HTML 199Page - Microchip Technology KSZ9563R Datasheet HTML 200Page - Microchip Technology KSZ9563R Datasheet HTML 201Page - Microchip Technology KSZ9563R Datasheet HTML 202Page - Microchip Technology KSZ9563R Datasheet HTML 203Page - Microchip Technology KSZ9563R Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 226 page
background image
KSZ9563R
DS00002419D-page 200
 2017-2018 Microchip Technology Inc.
be disabled by clearing the RGMII Egress Internal Delay bit in the XMII Port Control 1 Register
register. Generally this is not recommended.
Note 6-5
For 10Mbps and 100Mbps, TCYC will scale to 400ns +/- 40ns and 40ns +/- 4 ns, respectively.
Note 6-6
0.75ns for VDDIO = 3.3V/2.5V, 1.5ns for VDDIO = 1.8V
6.4.2
MII TIMING
6.4.2.1
MII Output Timing in MAC Mode
Figure 6-2 illustrates a write operation from the KSZ9563R to a PHY or other device while operating the KSZ9563R in
MAC Mode.
FIGURE 6-2:
MII OUTPUT TIMING IN MAC MODE
TABLE 6-3:
MII OUTPUT TIMING IN MAC MODE VALUES
Symbol
Description
Min
Typ
Max
Units
tP
(100BASE-TX /
10BASE-T)
RX_CLK period
40/400
ns
tWL
(100BASE-TX /
10BASE-T)
RX_CLK pulse width low
20/200
ns
tWH
(100BASE-TX /
10BASE-T)
RX_CLK pulse width high
20/200
ns
tOD
RX_DV, RXD[3:0] output delay from rising edge of RX_CLK
16
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com