Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 102 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 102 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 98Page - Microchip Technology KSZ9563R Datasheet HTML 99Page - Microchip Technology KSZ9563R Datasheet HTML 100Page - Microchip Technology KSZ9563R Datasheet HTML 101Page - Microchip Technology KSZ9563R Datasheet HTML 102Page - Microchip Technology KSZ9563R Datasheet HTML 103Page - Microchip Technology KSZ9563R Datasheet HTML 104Page - Microchip Technology KSZ9563R Datasheet HTML 105Page - Microchip Technology KSZ9563R Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 226 page
background image
KSZ9563R
DS00002419D-page 102
 2017-2018 Microchip Technology Inc.
5.1.5.6
ALU Table Index 0 Register
The ALU Table Index 0 Register and ALU Table Index 1 Register contain the index values for searching and reading/
writing the address lookup table as specified by the action in the ALU Table Access Control Register. For additional infor-
mation on ALU tables, refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 181.
5.1.5.7
ALU Table Index 1 Register
The ALU Table Index 0 Register and ALU Table Index 1 Register contain the index values for searching and reading/
writing the address lookup table as specified by the action in the ALU Table Access Control Register. For additional infor-
mation on ALU tables, refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 181.
Address:
0x0410 - 0x0413
Size:
32 bits
Bits
Description
Type
Default
31
RESERVED
R/W
0b
30:23
RESERVED
RO
000_0000_0b
22:16
FID Index [6:0]
This is the FID value used to hash index the table
R/W
000_0000b
15:0
MAC Index [47:32]
These are the upper 16 bits of the MAC addressed used to hash index the
table
R/W
0x0000
Address:
0x0414 - 0x0417
Size:
32 bits
Bits
Description
Type
Default
31:0
MAC Index [31:0]
These are the lower 32 bits of the MAC addressed used to hash index the
address lookup table. If direct addressing is enabled, then bits [11:0] are
used to directly index the address lookup table.
R/W
0x00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com