Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 103 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 103 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 99Page - Microchip Technology KSZ9563R Datasheet HTML 100Page - Microchip Technology KSZ9563R Datasheet HTML 101Page - Microchip Technology KSZ9563R Datasheet HTML 102Page - Microchip Technology KSZ9563R Datasheet HTML 103Page - Microchip Technology KSZ9563R Datasheet HTML 104Page - Microchip Technology KSZ9563R Datasheet HTML 105Page - Microchip Technology KSZ9563R Datasheet HTML 106Page - Microchip Technology KSZ9563R Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 103
KSZ9563R
5.1.5.8
ALU Table Access Control Register
This register provides control and status for searching and reading or writing the ALU Table. The ALU Table Index 0
Register and ALU Table Index 1 Register contain the index values, while the ALU / Static Address Table Entry 1 Register,
ALU / Static Address / Reserved Multicast Table Entry 2 Register, ALU / Static Address Table Entry 3 Register, and ALU
/ Static Address Table Entry 4 Register are used for the entry values. Refer to Section 5.3.1, "Address Lookup (ALU)
Table," on page 181 for additional information on ALU tables.
Address:
0x0418 - 0x041B
Size:
32 bits
Bits
Description
Type
Default
31:30
RESERVED
RO
00b
29:16
VALID_COUNT
Indicates the total number of valid entries in the table after the search
finishes
RO
0x0000
15:8
RESERVED
RO
0x00
7
START_FINISH
1 = Start the action defined below
0 = Action finished
R/W, SC
0b
6
VALID
For search operation. It is cleared when register 0x042F (ALU / Static
Address Table Entry 4 Register) is read.
1 = Indicates that the next valid entry is ready
0 = Next valid entry is not ready
RO
0b
5
VALID_ENTRY_OR_SEARCH_END
For search operation. It is intended for added convenience when accessing
registers by in-band management (IBA) rather than SPI or I2C. It combines
bits 6 and 7.
1 = Indicates either that the next valid entry is ready, or that the search has
ended.
0 = Neither next valid entry ready nor search ended.
RO
0b
4:3
RESERVED
R/W
00b
2
DIRECT
1 = Access by direct addressing the ALU Table. This method is used only for
debugging, if at all.
0 = Hashing function is used to index the table. This is the normal method.
Refer to the Switch Lookup Engine Control 0 Register.
R/W
0b
1:0
ACTION
Specifies the action to be taken for the ALU Table entry access
00 = No operation
01 = Write
10 = Read
11 = Search
R/W
00b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com