Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 109 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 109 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 105Page - Microchip Technology KSZ9563R Datasheet HTML 106Page - Microchip Technology KSZ9563R Datasheet HTML 107Page - Microchip Technology KSZ9563R Datasheet HTML 108Page - Microchip Technology KSZ9563R Datasheet HTML 109Page - Microchip Technology KSZ9563R Datasheet HTML 110Page - Microchip Technology KSZ9563R Datasheet HTML 111Page - Microchip Technology KSZ9563R Datasheet HTML 112Page - Microchip Technology KSZ9563R Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 109
KSZ9563R
5.1.6.9
Global PTP Clock Temp Adjustment Duration High Word Register
5.1.6.10
Global PTP Clock Temp Adjustment Duration Low Word Register
5.1.6.11
Global PTP Message Config 1 Register
Address:
0x0510 - 0x0511
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Temporary Adjustment Duration [31:16]
This sets the duration for the PTP clock temporary rate adjustment, in
number of 25MHz clock cycles.
R/W
0x0000
Address:
0x0512 - 0x0513
Size:
16 bits
Bits
Description
Type
Default
15:0
PTP Temporary Adjustment Duration [15:0]
This sets the duration for the PTP clock temporary rate adjustment, in
number of 25MHz clock cycles.
R/W
0x0000
Address:
0x0514 - 0x0515
Size:
16 bits
Bits
Description
Type
Default
15:7
RESERVED
RO
0x00
6
Enable IEEE 1588 PTP Mode
1 = enable
0 = disable
R/W
0b
5
Enable Detection of IEEE 802.3 Ethernet PTP Messages
1 = enable
0 = disable
R/W
1b
4
Enable Detection of IPv4/UDP PTP Messages
1 = enable
0 = disable
R/W
1b
3
Enable Detection of IPv6/UDP PTP Messages
1 = enable
0 = disable
R/W
1b
2
Selection of P2P or E2E
1 = Peer-to-peer (P2P) transparent clock mode
0 = End-to-end (E2E) transparent clock mode
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com