Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 110 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 110 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 106Page - Microchip Technology KSZ9563R Datasheet HTML 107Page - Microchip Technology KSZ9563R Datasheet HTML 108Page - Microchip Technology KSZ9563R Datasheet HTML 109Page - Microchip Technology KSZ9563R Datasheet HTML 110Page - Microchip Technology KSZ9563R Datasheet HTML 111Page - Microchip Technology KSZ9563R Datasheet HTML 112Page - Microchip Technology KSZ9563R Datasheet HTML 113Page - Microchip Technology KSZ9563R Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 226 page
background image
KSZ9563R
DS00002419D-page 110
 2017-2018 Microchip Technology Inc.
5.1.6.12
Global PTP Message Config 2 Register
1
Selection of Master or Slave
1 = Host port is PTP master ordinary clock
0 = Host port is PTP slave ordinary clock
R/W
0b
0
RESERVED
RO
1b
Address:
0x0516 - 0x0517
Size:
16 bits
Bits
Description
Type
Default
15:13
RESERVED
RO
000b
12
Enable Unicast PTP
1 = The unicast PTP frames can be recognized. If the packet UDP
destination port is either 319 or 320 and the frame MAC/IP address is not the
PTP reserved address, then the frame will be considered as a unicast PTP
frame and the frame forwarding will be decided by regular lookup table.
0 = Only multicast PTP frames will be recognized.
R/W
1b
11
Enable Alternate Master
1 = Alternate master clock is supported. The Sync/Delay_Req frames of the
same domain received at non-host ports by active master clock of the same
domain will be forwarded to the non-host ports.
0 = Alternate master clock is not supported. The Sync/Delay_Req frames of
the same domain received at non-host ports by active master clock of the
same domain will be discarded on the host port and will be forwarded to the
non-host ports if Sync/Delay_Req is for other domains.
R/W
0b
10
PTP Messages Priority TX Queue
1 = All PTP messages are assigned to the highest priority TX queue.
0 = Only the PTP event messages are assigned to the highest priority TX
queue.
R/W
0b
9
Enable Checking of Associated Sync and Follow_up PTP messages
Setting this bit will associate Follow_up message with Sync message when it
has the same domain, sequenceID and sourcePortID. The PTP frame will be
forwarded to the host port if the ID matches.
R/W
0b
8
Enable Checking of Associated Delay_Req and Delay Resp PTP
Messages
Setting this bit will associate Delay_Resp message with Delay_Req
message when it has the same domain, sequenceID and sourcePortID. The
PTP frame will be forwarded to the host port if the ID matches.
R/W
0b
7
Enable Checking of Associated Pdelay_Req and Pdelay_Resp PTP
Messages
Setting this bit will associate Pdelay_Resp/Pdelay_Resp_Follow_Up
message with Pdelay_Req message when it is with the same domain,
sequenceID and sourcePortID. The PTP frame will be forwarded to the host
port if ID matches.
R/W
0b
6
RESERVED
R/W
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com