Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 138 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 138 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 134Page - Microchip Technology KSZ9563R Datasheet HTML 135Page - Microchip Technology KSZ9563R Datasheet HTML 136Page - Microchip Technology KSZ9563R Datasheet HTML 137Page - Microchip Technology KSZ9563R Datasheet HTML 138Page - Microchip Technology KSZ9563R Datasheet HTML 139Page - Microchip Technology KSZ9563R Datasheet HTML 140Page - Microchip Technology KSZ9563R Datasheet HTML 141Page - Microchip Technology KSZ9563R Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 226 page
background image
KSZ9563R
DS00002419D-page 138
 2017-2018 Microchip Technology Inc.
5.2.2.3
PHY ID High Register
PHY register 0x02.
5.2.2.4
PHY ID Low Register
PHY register 0x03.
5.2.2.5
PHY Auto-Negotiation Advertisement Register
PHY register 0x04.
Address:
0xN104 - 0xN105
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15:0
PHY Identifier High Word
RO
0x0022
Address:
0xN106 - 0xN107
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15:0
PHY Identifier Low Word
RO
0x1631
Address:
0xN108 - 0xN109
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15
Next Page
1 = Next page capable
0 = No next page capability
R/W
0b
14
Reserved
RO
0b
13
Remote Fault
1 = Remote fault capable
0 = No remote fault capability
R/W
0b
12
RESERVED
RO
0b
11:10
Pause (Flow Control) Capability
11 = Both Symmetric PAUSE and Asymmetric PAUSE toward local device
10 = Asymmetric PAUSE toward link partner
01 = Symmetric PAUSE
00 = No PAUSE
R/W
01b
9
100BASE-T4
1 = 100BASE-T4 capable
0 = No 100BASE-T4 capability
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com