Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 139 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 139 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 135Page - Microchip Technology KSZ9563R Datasheet HTML 136Page - Microchip Technology KSZ9563R Datasheet HTML 137Page - Microchip Technology KSZ9563R Datasheet HTML 138Page - Microchip Technology KSZ9563R Datasheet HTML 139Page - Microchip Technology KSZ9563R Datasheet HTML 140Page - Microchip Technology KSZ9563R Datasheet HTML 141Page - Microchip Technology KSZ9563R Datasheet HTML 142Page - Microchip Technology KSZ9563R Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 139
KSZ9563R
5.2.2.6
PHY Auto-Negotiation Link Partner Ability Register
PHY register 0x05.
8
100BASE-TX Full Duplex
1 = 100BASE-TX full duplex capable
0 = No 100BASE-TX full duplex capability
R/W
1b
7
100BASE-TX Half Duplex
1 = 100BASE-TX half duplex capable
0 = No 100BASE-TX half duplex capability
R/W
1b
6
10BASE-T Full Duplex
1 = 10BASE-T full duplex capable
0 = No 10BASE-T full duplex capability
R/W
1b
5
10BASE-T Half Duplex
1 = 10BASE-T half duplex capable
0 = No 10BASE-T half duplex capability
R/W
1b
4:0
Selector Field
00001 = IEEE 802.3
R/W
0x01
Address:
0xN10A - 0xN10B
Port N: 1-2
Size:
16 bits
Bits
Description
Type
Default
15
Next Page
1 = Next page capable
0 = No next page capability
RO
-
14
Acknowledge
1 = Link code word received from partner
0 = Link code word not yet received
RO
-
13
Remote Fault
1 = Remote fault detected
0 = No remote fault
RO
-
12
RESERVED
RO
-
11:10
Pause (Flow Control) Capability
11 = Both Symmetric PAUSE and Asymmetric PAUSE toward local device
10 = Asymmetric PAUSE toward link partner
01 = Symmetric PAUSE
00 = No PAUSE
RO
-
9
100BASE-T4
1 = 100BASE-T4 capable
0 = No 100BASE-T4 capability
RO
-
8
100BASE-TX Full Duplex
1 = 100BASE-TX full duplex capable
0 = No 100BASE-TX full duplex capability
RO
-
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com