Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 172 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 172 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 168Page - Microchip Technology KSZ9563R Datasheet HTML 169Page - Microchip Technology KSZ9563R Datasheet HTML 170Page - Microchip Technology KSZ9563R Datasheet HTML 171Page - Microchip Technology KSZ9563R Datasheet HTML 172Page - Microchip Technology KSZ9563R Datasheet HTML 173Page - Microchip Technology KSZ9563R Datasheet HTML 174Page - Microchip Technology KSZ9563R Datasheet HTML 175Page - Microchip Technology KSZ9563R Datasheet HTML 176Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 226 page
background image
KSZ9563R
DS00002419D-page 172
 2017-2018 Microchip Technology Inc.
5.2.8.3
Port Transmit Queue Control 0 Register
This register is indexed. Settings are applied on a per-queue and per-port basis. Specify the target queue number in the
Port Transmit Queue Index Register before accessing this register.
5.2.8.4
Port Transmit Queue Control 1 Register
This register is indexed. Settings are applied on a per-queue and per-port basis. Specify the target queue number in the
Port Transmit Queue Index Register before accessing this register.
Address:
0xN914
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7:6
Scheduler Mode
Determines the egress scheduling policy when 2 or 4 transmit queues are
enabled.
00 = Strict Priority. All packets in queue 3 are transmitted before any packets
from any lower number queue will be transmitted. All packets in queue 2 are
transmitted before any packets from any lower number queue, etc..
10 = Weighted Round Robin (WRR). As determined by the weight values in
the (queue indexed) Port Transmit Queue Control 1 Register, a limited num-
ber of packets are transmitted from a queue before the next queue is serviced.
All queues are serviced in turn.
01 and 11 = RESERVED
R/W
10b
5:4
Shaper Mode
Determines the egress traffic shaper used.
00 = No shaping.
01 = Credit based shaper (CBS) as defined in IEEE 802.1Qav for AVB
10 = RESERVED
11 = RESERVED
R/W
00b
3:0
RESERVED
RO
0000b
Address:
0xN915
Port N: 1-3
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:0
Queue Weight for WRR Scheduling
During weighted round robin (WRR) scheduling, this value specifies the num-
ber of packets that may be transmitted from the particular queue before the
next queue is serviced. These values are not relevant when the port is config-
ured for a single egress queue. Do not assign 0 to any queue.
Example values for a 4-queue configuration are 8 (for queue 3), 4 (for queue
2), 2 (for queue1) and 1 (for queue 0).
R/W
0000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com