Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563R Datasheet(PDF) 174 Page - Microchip Technology

Part # KSZ9563R
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563R Datasheet(HTML) 174 Page - Microchip Technology

Back Button KSZ9563R Datasheet HTML 170Page - Microchip Technology KSZ9563R Datasheet HTML 171Page - Microchip Technology KSZ9563R Datasheet HTML 172Page - Microchip Technology KSZ9563R Datasheet HTML 173Page - Microchip Technology KSZ9563R Datasheet HTML 174Page - Microchip Technology KSZ9563R Datasheet HTML 175Page - Microchip Technology KSZ9563R Datasheet HTML 176Page - Microchip Technology KSZ9563R Datasheet HTML 177Page - Microchip Technology KSZ9563R Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 226 page
background image
KSZ9563R
DS00002419D-page 174
 2017-2018 Microchip Technology Inc.
5.2.9
PORT N: PORT SWITCH QUEUE MANAGEMENT CONTROL REGISTERS (0xNA00 -
0xNAFF)
5.2.9.1
Port Control 0 Register
5.2.9.2
Port Control 1 Register
Address:
0xNA00 - 0xNA03
Port N: 1-3
Size:
32 bits
Bits
Description
Type
Default
32:0
TBD
Address:
0xNA04 - 0xNA03
Port N: 1-3
Size:
32 bits
Bits
Description
Type
Default
31:3
RESERVED
RO
0x0000000
2
Port 3 VLAN Membership
This feature does not utilize VLAN tags or the VLAN Table, and is unrelated
to tag-based VLAN functions. Also refer to bit 1 in the Queue Management
Control 0 Register.
1 = Frames may be forwarded to this port
0 = Frames are blocked from being forwarded to this port
RO
0b
1
Port 2 VLAN Membership
This feature does not utilize VLAN tags or the VLAN Table, and is unrelated
to tag-based VLAN functions. Also refer to bit 1 in the Queue Management
Control 0 Register.
1 = Frames may be forwarded to this port
0 = Frames are blocked from being forwarded to this port
RO
0b
0
Port 1 VLAN Membership
This feature does not utilize VLAN tags or the VLAN Table, and is unrelated
to tag-based VLAN functions. Also refer to bit 1 in the Queue Management
Control 0 Register.
1 = Frames may be forwarded to this port
0 = Frames are blocked from being forwarded to this port
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com