Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 112 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 112 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 108Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 109Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 110Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 111Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 112Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 113Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 114Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 115Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 226 page
background image
KSZ9563R
DS00002419D-page 112
 2017-2018 Microchip Technology Inc.
5.1.6.14
Global PTP Unit Index Register
This register is used to index the GPIO pin, timestamp unit and trigger unit for accesses to PTP registers in the address
range of 0x052C to 0x05B3. The GPIO pin, timestamp unit and trigger unit selected in this register will be the units that
are read/written when accessing these registers.
5.1.6.15
GPIO Status Monitor 0 Register
Address:
0x0520 - 0x0523
Size:
32 bits
Bits
Description
Type
Default
31:20
RESERVED
RO
000h
19:17
RESERVED
R/W
000b
16
GPIO Index Pointer (GPIO_PTR_INDEX)
This bit points to the control registers of GPIO pin.
1 = Pin GPIO_2
0 = Pin GPIO_1
R/W
0b
15:12
RESERVED
RO
0000b
11:9
RESERVED
R/W
000b
8
Timestamp Unit Index Pointer (TS_PTR_INDEX)
This bit points to the unit/set registers of the timestamp.
1 = Timestamp Unit 1
0 = Timestamp Unit 0
R/W
0b
7:2
RESERVED
RO
000000b
1:0
Trigger Unit Index Pointer (TRIGGER_PTR_INDEX)
This bit points to the unit/set registers of the trigger.
11 = RESERVED
10 = Trigger Unit 2
01 = Trigger Unit 1
00 = Trigger Unit 0
R/W
00b
Address:
0x0524 - 0x0527
Size:
32 bits
Bits
Description
Type
Default
31:19
RESERVED
RO
0x000
18:16
Event Trigger Output Error (TRIGGER_ERROR)
(Bit 18 = Trigger Unit 2, Bit 17 = Trigger Unit 1, Bit 16 = Trigger Unit 0)
1 = The event trigger time is set earlier than the system time clock when the
TRIGGER_NOTIFY bit is set to “1” in the Trigger Output Unit Control 1 Regis-
ter and will generate an interrupt to the host. This bit can be cleared by reset-
ting the TRIGGER_EN bit to “0” in the Timestamp Control and Status
Register.
0 = No event trigger error.
R/W1C
000b
15:3
RESERVED
RO
0x000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com