Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 114 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 114 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 110Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 111Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 112Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 113Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 114Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 115Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 116Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 117Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 226 page
background image
KSZ9563R
DS00002419D-page 114
 2017-2018 Microchip Technology Inc.
5.1.6.17
Timestamp Control and Status Register
Fields in this register are indexed by the Trigger Unit Index Pointer (bits [1:0]), Timestamp Unit Index Pointer (bit 8), and
GPIO Index Pointer (bit 16) values in the Global PTP Unit Index Register.
Address:
0x052C - 0x052F
Size:
32 bits
Bits
Description
Type
Default
31:9
RESERVED
RO
0x000000
8
GPIO Output Source Select (GPIO_OUT_SEL)
1 = The output is a combinatorial result
0 = The output is from flopped output
Note:
This field is indexed by the GPIO Index Pointer (bit 16) value in the
Global PTP Unit Index Register.
R/W
0b
7
GPIO Inputs Monitor (GPIO_IN)
This field reflects the current value seen on the GPIO input.
Note:
This field is indexed by the GPIO Index Pointer (bit 16) value in the
Global PTP Unit Index Register.
R-
6
GPIO Output Enable (GPIO_OEN)
1 = Enables the GPIO pin as a timestamp input
0 = Enables the GPIO pin as a trigger output (default)
Note:
This field is indexed by the GPIO Index Pointer (bit 16) value in the
Global PTP Unit Index Register.
R/W
0b
5
Timestamp Unit Interrupt Enable (TS_INT_ENB)
The timestamp unit interrupt status bit is found in the GPIO Status Monitor 1
Register.
0 = Interrupt disabled
1 = Interrupt enabled
Note:
This field is indexed by the Timestamp Unit Index Pointer (bit 8)
value in the Global PTP Unit Index Register.
R/W
0b
4
Event Trigger Output Unit Active (TRIGGER_ACTIVE)
1 = The event trigger output unit is enabled and active without error
0 = The event trigger output unit is finished and inactive
Note:
This field is indexed by the Trigger Unit Index Pointer (bits 1:0)
value in the Global PTP Unit Index Register.
R0b
3
Event Trigger Output Unit Enable (TRIGGER_EN)
1 = Enables the selected event trigger output unit. Self-clearing when trigger
output is generated. In cascade mode, only enable the head of the trigger unit.
0 = The event trigger out unit is disabled
Note:
This field is indexed by the Trigger Unit Index Pointer (bits 1:0)
value in the Global PTP Unit Index Register.
R/W
0b
2
Event Trigger Output Unit Software Reset (TRIGGER_SW_RESET)
1 = Resets the trigger output unit to the inactive state and default settings.
This reset can be used to stop the cascade mode in continuous operation and
prepare this trigger unit for the next operation.
0 = Trigger output unit under normal operation
Note:
This field is indexed by the Trigger Unit Index Pointer (bits 1:0)
value in the Global PTP Unit Index Register.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com