Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 116 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 116 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 112Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 113Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 114Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 115Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 116Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 117Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 118Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 119Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 226 page
background image
KSZ9563R
DS00002419D-page 116
 2017-2018 Microchip Technology Inc.
5.1.6.20
Trigger Output Unit Control 1 Register
This register is indexed by the Trigger Unit Index Pointer value in bits [1:0] of the Global PTP Unit Index Register.
Address:
0x0538 - 0x053B
Size:
32 bits
Bits
Description
Type
Default
31
Enable Event Trigger Output Unit in Cascade Mode
(CASCADE_MODE_ENB)
1 = Enables the event trigger output unit in cascade mode
0 = Disables the event trigger output unit in cascade mode
R/W
0b
30
Cascade Mode Event Trigger Output Unit Tail Unit Indicator
(CASCADE_MODE_TAIL)
1 = This event trigger output unit is the last unit of the chain in cascade mode
0 = This event trigger output unit is not the last unit of the chain in cascade
mode. Note: when this bit it cleared to “0” for all units in cascade mode, the
iteration count is ignored and becomes an infinite number. To stop the infinite
loop, set the respective TRIG_SW_RESET bit in the Timestamp Control and
Status Register.
R/W
0b
29:28
RESERVED
RO
00b
27:26
Cascade Mode Upstream Trigger Done Unit Select
This field selects one of the 3 upstream trigger done input units in cascade
mode. For example, if units 1, 2, and 3 (tail unit) are set up in cascade mode,
then Unit 1 is set to 0x3, Unit 2 is set to 0x1, and Unit 3 is set to 0x2.
R/W
00b
25
Trigger Now (TRIGGER_NOW)
1 = Immediately trigger even output if trigger target time is less than the sys-
tem clock time
0 = Wait for trigger target time to trigger event output
R/W
0b
24
Trigger Notify (TRIGGER_NOTIFY)
1 = Enables reporting both TRIG_DONE and TRIG_ERR status as well as
interrupt to host if interrupt enable bit is set.
0 = Disables reporting of both TRIG_DONE and TRIG_ERR status.
R/W
0b
23
Trigger Edge (TRIGGER_EDGE)
1 = Trigger output on negative edge of clock
0 = Trigger output on positive edge of clock
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com