Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9563RNXI-TR Datasheet(PDF) 113 Page - Microchip Technology

Part # KSZ9563RNXI-TR
Description  3-Port Gigabit Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9563RNXI-TR Datasheet(HTML) 113 Page - Microchip Technology

Back Button KSZ9563RNXI-TR Datasheet HTML 109Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 110Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 111Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 112Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 113Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 114Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 115Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 116Page - Microchip Technology KSZ9563RNXI-TR Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 226 page
background image
 2017-2018 Microchip Technology Inc.
DS00002419D-page 113
KSZ9563R
5.1.6.16
GPIO Status Monitor 1 Register
This register provides the interrupt status for the trigger output unit and timestamp units used with the GPIO. The GPIO
pin Output Trigger and Timestamp Unit interrupt status bit in the Global Interrupt Status Register is the OR of the status
bits in this register.
2:0
Event Trigger Output Unit Done (TRIGGER_DONE)
(Bit 2 = Trigger Unit 2, Bit 1 = Trigger Unit 1, Bit 0 = Trigger Unit 0)
1 = The event trigger output unit has been generated when the TRIG-
GER_NOTIFY bit is set to “1” in the Trigger Output Unit Control 1 Register
(write “1” to clear this bit) and will generate an interrupt to the host.
0 = Event trigger output unit not done.
R/W1C
000b
Address:
0x0528 - 0x052B
Size:
32 bits
Bits
Description
Type
Default
31:19
RESERVED
RO
0x0000
18:16
Trigger Output Unit Interrupt Status
(Bit 18 = Trigger Unit 2, Bit 17 = Trigger Unit 1, Bit 16 = Trigger Unit 0)
These three bits provide the interrupt status for the three Trigger Output
Units. These interrupts are enabled by setting the TRIGGER_NOTIFY bit in
the Trigger Output Unit Control 1 Register. This is done separately for each
TOU. Refer to the GPIO Status Monitor 0 Register for the Trigger Output Unit
status details.
1 = Interrupt detected
0 = No interrupt
R/WC
000b
15:2
RESERVED
RO
0x0000
1:0
Timestamp Unit Interrupt Status (GPIO input timestamp only)
(Bit 1 = Timestamp Unit 1, Bit 0 = Timestamp Unit 0)
These two bits provide the interrupt status for the two Timestamp Output
Units for the GPIO. These interrupts are enabled by the Timestamp Unit
Interrupt Enable bit in the Timestamp Control and Status Register. This is
done separately for each TSU. Refer to the registers beginning at the
Timestamp Status and Control Register for Timestamp interrupt details.
For the interrupt status for the port-based timestamping of PTP egress
frames, refer to the Port Interrupt Status Register and Port PTP Timestamp
Interrupt Status Register.
1 = Interrupt detected
0 = No interrupt
R/WC
00b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com