Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 180 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 180 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 176Page - Microchip Technology KSZ9567R Datasheet HTML 177Page - Microchip Technology KSZ9567R Datasheet HTML 178Page - Microchip Technology KSZ9567R Datasheet HTML 179Page - Microchip Technology KSZ9567R Datasheet HTML 180Page - Microchip Technology KSZ9567R Datasheet HTML 181Page - Microchip Technology KSZ9567R Datasheet HTML 182Page - Microchip Technology KSZ9567R Datasheet HTML 183Page - Microchip Technology KSZ9567R Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 232 page
background image
KSZ9567R
DS00002329D-page 180
 2017-2019 Microchip Technology Inc.
5.2.8.8
Port Time Aware Shaper Control Register
5.2.8.9
Port Time Aware Shaper Event Index Register
5.2.8.10
Port Time Aware Shaper Event Register
Address:
0xN920
Port N: 1-
Size:
8 bits
Bits
Description
Type
Default
7
Cut-Through Enable
1 = Enable TAS cut-through
0 = Disable TAS cut-through
R/W
0b
6
Restricted TAS
1 = TAS packets will not be allowed to transmit out until the OPEN (scheduled)
period when this bit is set to 1. They (either store & forward or cut-through) will
be queued up.
0 = TAS packets will be allowed to transmit at any time
R/W
0b
5:2
RESERVED
RO
0000b
1:0
Reference Time Select
11 = Start t0 when reference time is crossed
10 = Repeat t0 on PTP pps (pulse per second)
01 = Free-running, repeats t0 based on internal 1 second pulse
00 = No reference
R/W
00b
Address:
0xN923
Port N: 1-
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
RO
0b
6:0
Event Index
R/W
0000000b
Address:
0xN924 - 0xN927
Port N: 1-
Size:
32 bits
Bits
Description
Type
Default
31:29
Event
Event code:
111 = Repeat event
011-110 = RESERVED
010 = Scheduled open even
001 = Guard band start event
000 = Scheduled closed event
R/W
000b
28:0
Time
Cycle count of system clock
R/W
0x000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com