Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 51 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 51 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 47Page - Microchip Technology KSZ9567R Datasheet HTML 48Page - Microchip Technology KSZ9567R Datasheet HTML 49Page - Microchip Technology KSZ9567R Datasheet HTML 50Page - Microchip Technology KSZ9567R Datasheet HTML 51Page - Microchip Technology KSZ9567R Datasheet HTML 52Page - Microchip Technology KSZ9567R Datasheet HTML 53Page - Microchip Technology KSZ9567R Datasheet HTML 54Page - Microchip Technology KSZ9567R Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 51
KSZ9567R
.
4.5.2
IEEE 1588 PTP MESSAGING PROCESSING
The device supports IEEE 1588 PTP time synchronization when 1588 PTP mode and message detection are enabled.
Different operations will be applied to PTP packet processing based on the setting of P2P or E2E in transparent clock
mode, master or slave in ordinary clock mode, one-step or two-step clock mode, and if the domain checking is enabled.
For the IPv4/UDP egress packet, the checksum can be updated by either re-calculating the two-bytes or by setting it to
zero. For the IPv6/UDP egress packet, the checksum is always updated.
4.5.3
IEEE 1588 PTP EVENT TRIGGERING AND TIMESTAMPING
An event trigger output signal can be generated when the target and activation time matches the IEEE1588 PTP system
clock time. Likewise, an event timestamp input can be captured from an external event input signal and the correspond-
ing time on the IEEE1588 PTP system clock will be captured. Both the output event block and the input timestamp block
can be programmed to generate interrupts.
4.6
Audio Video Bridging and Time Sensitive Networks
AVB defines a set of features and protocols for ensuring high QoS for time-sensitive traffic such as audio and video
streams. The device provides the necessary hardware features for implementation of AVB: gPTP timing synchronization
features (802.1AS, based on 1588 PTP), prioritized queuing, and credit-based traffic shapers (802.1Qav). Ports sup-
porting AVB must operate at 1000 or 100 Mbps at full-duplex. 10 Mbps and/or half-duplex are not compatible with AVB.
Non-AVB devices are not allowed to participate in an AVB network, but non-AVB traffic is allowed to occupy available
bandwidth unused by the AVB traffic. Protocols are defined for network discovery, path setup, and bandwidth reservation
across the network.
AVB defines Stream Reservation (SR) traffic classes, which are given a high priority for queuing and egress scheduling.
With up to four egress queues per port, the device can accommodate up to two SR traffic classes. Ingress AVB traffic
packets are typically VLAN tagged. If not, the device can assign them a customizable VLAN tag on a port-by-port basis.
The information in this tag, including the 3-bit PCP priority field, is used to map the packets to the appropriate high pri-
ority queue. At least one queue must be reserved for non-SR traffic classes, in order to accommodate regular “best
effort” network traffic.
FIGURE 4-9:
PTP SYSTEM CLOCK OVERVIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com