Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 40 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 40 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 36Page - Microchip Technology KSZ9567R Datasheet HTML 37Page - Microchip Technology KSZ9567R Datasheet HTML 38Page - Microchip Technology KSZ9567R Datasheet HTML 39Page - Microchip Technology KSZ9567R Datasheet HTML 40Page - Microchip Technology KSZ9567R Datasheet HTML 41Page - Microchip Technology KSZ9567R Datasheet HTML 42Page - Microchip Technology KSZ9567R Datasheet HTML 43Page - Microchip Technology KSZ9567R Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 232 page
background image
KSZ9567R
DS00002329D-page 40
 2017-2019 Microchip Technology Inc.
4.4.10.1
“IGMP” Snooping
The device traps IGMP packets and forwards them only to the processor (host port). The IGMP packets are identified
as IP packets (either Ethernet IP packets, or IEEE 802.3 SNAP IP packets) with IP version = 0x4 and protocol version
number = 0x2.
4.4.10.2
“Multicast Address Insertion” in the Static MAC Table
Once the multicast address is programmed in the Static Address Table or Address Lookup Table, the multicast session
is trimmed to the subscribed ports, instead of broadcasting to all ports.
So that the host processor knows which port the IGMP packet was received on, Tail Tagging Mode must be enabled.
4.4.11
IPV6 MLD SNOOPING
The device traps IPv6 Multicast Listener Discovery (MLD) packets and forwards them only to the processor (host port).
4.4.12
PORT MIRRORING
the device supports “port mirroring” comprehensively as:
• “Receive Only” Mirror-on-a-Port
• “Transmit Only” Mirror-on-a-Port
• “Receive and Transmit” Mirror-on-a-Port
4.4.12.1
“Receive Only” Mirror-on-a-Port
All the packets received on the port are mirrored on the sniffer port. For example, 1 is programmed to be “receive sniff”
and the host port is programmed to be the “sniffer”. A packet received on port 1 is destined to port 2 after the internal
lookup. The packet is forwarded to both port 2 and the host port. The device can optionally even forward “bad” received
packets to the “sniffer port”.
4.4.12.2
“Transmit Only” Mirror-on-a-Port
All the packets transmitted on the port are mirrored on the sniffer port. For example, port 1 is programmed to be “transmit
sniff” and the host port is programmed to be the “sniffer port”. A packet received on port 2 is destined to port 1 after the
internal lookup. The device forwards the packet to both port 1 and the host port.
4.4.12.3
“Receive and Transmit” Mirror-on-a-Port
All the packets received on port A and transmitted on port B are mirrored on the sniffer port. For example, port 1 is pro-
grammed to be “receive sniff”, port 2 is programmed to be “transmit sniff”, and the host port is programmed to be the
“sniffer port”. A packet received on port 1 is destined to port 2 after the internal lookup. The device forwards the packet
to both port 2 and the host port.
Multiple ports can be selected as “receive sniff” or “transmit sniff”. In addition, any port can be selected as the “sniffer
port”.
4.4.13
SCHEDULING AND RATE LIMITING
Each device port has two egress packet scheduling options, which can be applied when the port is configured for two
or four queues. Additionally, each port has ingress and egress rate limiter features.
4.4.13.1
Strict Priority Scheduling
When an egress port is configured as two or four queues, and strict priority scheduling is selected, each queue will take
absolute priority over all lower priority queues. If a packet is available to transmit from queue 3 (the highest priority
queue), then it will take priority for transmission over any packet that will also be available in any of the other queues.
A packet in queue 2 will be transmitted only if no packet is available in queue 3. Weighted round robin is an alternative
to strict priority scheduling.
4.4.13.2
Weighted Round Robin (WRR) Scheduling
WRR scheduling is an alternative to strict priority scheduling for egress queues. It is referred to as fair queuing because
it gives proportionally higher priority to the highest priority queue, but not absolute priority.
Note:
The port for which Tail Tagging Mode is enabled is the host port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com