Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 20 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 20 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 16Page - Microchip Technology KSZ9567R Datasheet HTML 17Page - Microchip Technology KSZ9567R Datasheet HTML 18Page - Microchip Technology KSZ9567R Datasheet HTML 19Page - Microchip Technology KSZ9567R Datasheet HTML 20Page - Microchip Technology KSZ9567R Datasheet HTML 21Page - Microchip Technology KSZ9567R Datasheet HTML 22Page - Microchip Technology KSZ9567R Datasheet HTML 23Page - Microchip Technology KSZ9567R Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 232 page
background image
KSZ9567R
DS00002329D-page 20
 2017-2019 Microchip Technology Inc.
Transmitted data is scrambled through the use of an 11-bit wide linear feedback shift register (LFSR). The scrambler
generates a 2047-bit non-repetitive sequence. Then the receiver de-scrambles the incoming data stream using the
same sequence as at the transmitter.
4.1.3
10BASE-Te TRANSCEIVER
10BASE-Te is an energy-efficient version of 10BASE-T which is powered from a 2.5V supply. It has a reduced transmit
signal amplitude and requires Cat5 cable. It is inter-operable to 100m with 10BASE-T when Cat5 cable is used.
4.1.3.1
10BASE-Te Transmit
The 10BASE-Te driver is incorporated with the 100BASE-TX driver to allow for transmission using the same magnetics.
They are internally wave-shaped and pre-emphasized into outputs with typical 1.75V amplitude (compared to the typical
transmit amplitude of 2.5V for 10BASE-T). The harmonic contents are at least 27dB below the fundamental frequency
when driven by an all-ones Manchester-encoded signal.
4.1.3.2
10BASE-Te Receive
On the receive side, input buffers and level detecting squelch circuits are employed. A differential input receiver circuit
and a phase-locked loop (PLL) perform the decoding function.
The Manchester-encoded data stream is separated into clock signal and NRZ data. A squelch circuit rejects signals with
levels less than 400mV or with short pulse widths to prevent noise at the RXP1 or RXM1 input from falsely triggering
the decoder. When the input exceeds the squelch limit, the PLL locks onto the incoming signal and the device decodes
a data frame. The receiver clock is maintained active during idle periods in between data reception.
4.1.4
AUTO MDI/MDI-X
The automatic MDI/MDI-X feature, also known as auto crossover, eliminates the need to determine whether to use a
straight cable or a crossover cable between the device and its link partner. The auto-sense function detects the MDI/
MDI-X pair mapping from the link partner, and assigns the MDI/MDI-X pair mapping of the device accordingly. Table 4-
1 shows the device’s 10/100/1000 Mbps pin configuration assignments for MDI and MDI-X pin mapping.
Auto MDI/MDI-X is enabled by default. It can be disabled through the port control registers. If Auto MDI/MDI-X is dis-
abled, the port control register can also be used to select between MDI and MDI-X settings.
An isolation transformer with symmetrical transmit and receive data paths is recommended to support Auto MDI/MDI-X.
4.1.5
PAIR-SWAP, ALIGNMENT, AND POLARITY CHECK
In 1000Base-T mode, the device:
• Detects incorrect channel order and automatically restores the pair order for the A and B pairs. This is also done
separately for the C and D pairs. Crossing of A or B pairs to C or D pairs is not corrected.
• Supports 50±10ns difference in propagation delay between pairs of channels in accordance with the IEEE 802.3
standard, and automatically corrects the data skew so the corrected four pairs of data symbols are synchronized.
Incorrect pair polarities of the differential signals are automatically corrected for all speeds.
4.1.6
WAVE SHAPING, SLEW-RATE CONTROL, AND PARTIAL RESPONSE
In communication systems, signal transmission encoding methods are used to provide the noise-shaping feature and
to minimize distortion and error in the transmission channel.
• For 1000BASE-T, a special partial-response signaling method is used to provide the bandwidth-limiting feature for
TABLE 4-1:
MDI/MDI-X PIN DEFINITIONS
Pin (RJ45 pair)
MDI
MDI-X
1000BASE-T 100BASE-TX
10BASE-Te
1000BASE-T 100BASE-TX
10BASE-Te
TXRXxP/M_A (1,2)
A+/-TX+/-
TX+/-B+/-
RX+/-
RX+/-
TXRXxP/M_B (3,6)
B+/-
RX+/-
RX+/-
A+/-
TX+/-
TX+/-
TXRXxP/M_C (4,5)
C+/-
Not used
Not used
D+/-
Not used
Not used
TXRXxP/M_D (7,8)
D+/-
Not used
Not used
C+/-
Not used
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com