Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 60 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 60 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 56Page - Microchip Technology KSZ9567R Datasheet HTML 57Page - Microchip Technology KSZ9567R Datasheet HTML 58Page - Microchip Technology KSZ9567R Datasheet HTML 59Page - Microchip Technology KSZ9567R Datasheet HTML 60Page - Microchip Technology KSZ9567R Datasheet HTML 61Page - Microchip Technology KSZ9567R Datasheet HTML 62Page - Microchip Technology KSZ9567R Datasheet HTML 63Page - Microchip Technology KSZ9567R Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 232 page
background image
KSZ9567R
DS00002329D-page 60
 2017-2019 Microchip Technology Inc.
The MIIM Interface can operate up to a maximum clock speed of 5MHz. Access is limited to only the registers in the
PHY blocks of ports 1 through 5. Table 4-26 summarizes the MII management interface frame format.
The MIIM PHY address to PHY port mapping is as follows:
• PHY Address 1h to PHY port 1
• PHY Address 2h to PHY port 2
• PHY Address 3h to PHY port 3
• PHY Address 4h to PHY port 4
• PHY Address 5h to PHY port 5
The MIIM register address space consists of two distinct areas.
• Standard MIIM Registers (Direct)
• MDIO Manageable Device (MMD) Registers (Indirect)
4.11.3.1
Standard MIIM Registers (Direct)
Standard registers provide direct read/write access to a 32-register address space, as defined in Clause 22 of the IEEE
802.3 Specification. Within this address space, the first 16 registers (Registers 0h to Fh) are defined according to the
IEEE specification, while the remaining 16 registers (Registers 10h to 1Fh) are defined specific to the PHY vendor.
The KSZ9567R supports the standard registers listed in Table 4-27 for each PHY port. Each 16-bit MIIM Standard Reg-
ister Address maps to two corresponding 8-bit Port N Register Addresses. The register bit map and description are
located at the 8-bit Port N Register Addresses.
TABLE 4-26:
MII MANAGEMENT INTERFACE FRAME FORMAT
Operation
Mode
Preamble
(32-bit)
Start of
Frame
(2-bit)
Operation
Code
(2-bit)
PHY
Address
(5-bit)
Register
Address
(5-bit)
Turn
Around
(2-bit)
Register
Data
(16-bit)
Idle
Read
All 1s
01
10
A[4:0]
Reg[4:0]
Z0
D[15:0]
Z
Write
All 1s
01
01
A[4:0]
Reg[4:0]
10
D[15:0]
Z
TABLE 4-27:
STANDARD MIIM REGISTERS
MIIM Standard
Register Address
(hex)
Port N
Register Address
(hex)
Description
IEEE-Defined Registers
0h
0xN100 - 0xN101
PHY Basic Control Register
1h
0xN102 - 0xN103
PHY Basic Status Register
2h
0xN104 - 0xN105
PHY ID High Register
3h
0xN106 - 0xN107
PHY ID Low Register
4h
0xN108 - 0xN109
PHY Auto-Negotiation Advertisement Register
5h
0xN10A - 0xN10B
PHY Auto-Negotiation Link Partner Ability Register
6h
0xN10C - 0xN10D
PHY Auto-Negotiation Expansion Status Register
7h
0xN10E - 0xN10F
PHY Auto-Negotiation Next Page Register
8h
0xN110 - 0xN111
PHY Auto-Negotiation Link Partner Next Page Ability Register
9h
0xN112 - 0xN113
PHY 1000BASE-T Control Register
Ah
0xN114 - 0xN115
PHY 1000BASE-T Status Register
Bh-Ch
-
RESERVED
Dh
0xN11A - 0xN11B
PHY MMD Setup Register
Eh
0xN11C - 0xN11D
PHY MMD Data Register
Fh
0xN11E - 0xN11F
PHY Extended Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com