Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 56 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 56 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 52Page - Microchip Technology KSZ9567R Datasheet HTML 53Page - Microchip Technology KSZ9567R Datasheet HTML 54Page - Microchip Technology KSZ9567R Datasheet HTML 55Page - Microchip Technology KSZ9567R Datasheet HTML 56Page - Microchip Technology KSZ9567R Datasheet HTML 57Page - Microchip Technology KSZ9567R Datasheet HTML 58Page - Microchip Technology KSZ9567R Datasheet HTML 59Page - Microchip Technology KSZ9567R Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 232 page
background image
KSZ9567R
DS00002329D-page 56
 2017-2019 Microchip Technology Inc.
There is one additional power saving mode that may be implemented on a per-port basis:
• Port-Based Power Down
The first three global power modes are mutually exclusive; only one mode may be selected at a time. Port-based power
down may be enabled independent of the global power mode.
4.10.1
NORMAL OPERATION MODE
At power-up, the device enters into Normal operation mode. It is also selected via bits [4:3] = 00 in the Power Down
Control 0 Register. When the device is in normal operation mode, all PLL clocks are running, PHYs and MACs are on,
and the CPU is ready to read or write the device registers through the serial interface (SPI, I2C or MIIM).
During normal operation mode, the host processor can change the power management mode bits in the Power Down
Control 0 Register to transition to any of the other power management modes.
4.10.2
ENERGY-DETECT MODE
Energy-detect mode, also known as energy-detect power down (EDPD) mode, is enabled by setting bits [4:3] to 01 in
the Power Down Control 0 Register. Energy-detect mode provides a mechanism to save power when the device is not
connected to an active link partner. Auto-negotiation must be enabled when in energy-detect mode.
Energy-detect mode consists of two states, normal-power state and low-power state. When the device is in this mode,
it will monitor the cable energy. If there is no energy on the cable for a time longer than a pre-configured value, the device
will go into the low-power state. While in low-power state, the device reduces power consumption by disabling all cir-
cuitry except the energy-detect circuitry of the receiver, which consumes minimal power. When the device is in the low-
power state, it will transmit link pulses at long intervals, with a very low duty cycle. At the same time, it continuously
monitors for energy on the cable. Once energy is detected from the cable and is present for a time longer than 100ns,
the device will enter the normal-power state.
4.10.3
GLOBAL SOFT POWER-DOWN MODE
Soft power-down mode is used to power down the device when it is not in use after power-up. This mode disables all
internal functions except for the serial (SPI or I2C) management interface.
When soft power-down mode is exited, all registers are reset to their default values, and all configuration strap pins are
sampled to set the device settings.
4.10.4
PORT-BASED POWER DOWN
Unused ports may be powered down individually to save power.
4.10.5
WAKE ON LAN (WOL)
Wake on LAN allows a computer to be turned on or woken up by a network message. The message is usually sent by
a program executed on another computer on the same local area network. Wake-up frame events are used to awaken
the system whenever meaningful data is presented to the system over the network. Examples of meaningful data
include the reception of a Magic Packet, a management request from a remote administrator, or simply network traffic
directly targeted to the local system. The device can be programmed to notify the host of the Wake-Up frame detection
with the assertion of the power management event signal (PME_N).
The device’s MACs support the detection of the following Wake-Up events:
• Detection of energy signal over a pre-configured value
• Detection of a linkup in the network link state
TABLE 4-24:
MDI/MDI-X PIN DEFINITIONS
Functional Blocks
Power Management Operation Modes
Normal Mode
Energy Detect Mode
Soft Power Down Mode
Internal PLL Clock
Enabled
Disabled
Disabled
TX/RX PHYs
Enabled
Energy Detect at RX
Disabled
MACs
Enabled
Disabled
Disabled
Host Interface
Enabled
Disabled
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com