Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 28 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 28 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 24Page - Microchip Technology KSZ9567R Datasheet HTML 25Page - Microchip Technology KSZ9567R Datasheet HTML 26Page - Microchip Technology KSZ9567R Datasheet HTML 27Page - Microchip Technology KSZ9567R Datasheet HTML 28Page - Microchip Technology KSZ9567R Datasheet HTML 29Page - Microchip Technology KSZ9567R Datasheet HTML 30Page - Microchip Technology KSZ9567R Datasheet HTML 31Page - Microchip Technology KSZ9567R Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 232 page
background image
KSZ9567R
DS00002329D-page 28
 2017-2019 Microchip Technology Inc.
When a switch receives a non-error packet, it checks the packet's destination MAC address. If the address is known,
the packet is forwarded to the output port that is associated with the destination MAC address. The following paragraphs
describe the key functions of destination address lookup and source address learning. These processes may be com-
bined with VLAN support and other features, which are described in the subsequent sub-sections.
4.4.2
ADDRESS LOOKUP
Destination address lookup is performed in three separate internal address tables in the device:
1.
Address Lookup (ALU) Table: 4K dynamic + static entries
2.
Static Address Table: 16 static entries
3.
Reserved Multicast Address Table: 8 pre-configured static entries
4.4.2.1
Address Lookup (ALU) Table
The Address Lookup (ALU) Table stores MAC addresses and their associated information. This table holds both
dynamic and static entries. Dynamic entries are created automatically in hardware, as described in Section 4.4.2.4,
"Learning". Static entries are created by management software.
This table is a 4-way associative memory, with 1K buckets, for a total of 4K entries. A hash function translates the
received packet's MAC address (and optionally the FID) into a 10-bit index for accessing the table. At each bucket are
four fully-associative address entries. All four entries are simultaneously compared to the MAC address (plus optional
FID) for a possible match.
Three options are available for the hashing function, as described in Table 4-5. If VLAN is enabled (802.1Q VLAN
Enable bit in the Switch Lookup Engine Control 0 Register), the VLAN group (FID) is included in the hashing function
along with the MAC address. If VLAN is not enabled the hashing function is applied to MAC address and the FID in the
default VLAN (VID=1) which is 0.
4.4.2.2
Static Address Table
The 16-entry Static Address Table is typically used to hold multicast addresses, but is not limited to this. As with static
entries in the ALU table, entries in the Static Address Table are created by management software. It serves the same
function as static entries that are created in the ALU table, so its use is optional.
TABLE 4-5:
ADDRESS LOOKUP TABLE HASHING OPTIONS
HASH_OPTION
(Switch Lookup Engine
Control 0 Register
)
Description
01b (Default)
A hash algorithm based on the CRC of the MAC address plus FID. The hash algorithm uses
the CRC-CCITT polynomial. The input to the hash is reduced to a 16-bit CRC hash value.
Bits [9:0] of the hash value plus (binary addition) 7-bit FID (zero extended on the left) are
used as an index to the table. The CRC-CCITT polynomial is: X16+X12+X5+1.
10b
An XOR algorithm based on 16 bits of the XOR of the triple-folded MAC address. Bits [9:0]
of the XOR value plus 7-bit FID (left-extended) are used to index the table.
00b or 11b
A direct algorithm. The 10 least significant bits of the MAC address plus 7 bit FID are used
to index the table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com