Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 15 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 15 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 11Page - Microchip Technology KSZ9567R Datasheet HTML 12Page - Microchip Technology KSZ9567R Datasheet HTML 13Page - Microchip Technology KSZ9567R Datasheet HTML 14Page - Microchip Technology KSZ9567R Datasheet HTML 15Page - Microchip Technology KSZ9567R Datasheet HTML 16Page - Microchip Technology KSZ9567R Datasheet HTML 17Page - Microchip Technology KSZ9567R Datasheet HTML 18Page - Microchip Technology KSZ9567R Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 15
KSZ9567R
Miscellaneous Pins
Interrupt
INTRP_N
OPU
Active low, open-drain interrupt.
Note:
This pin requires an external pull-up resistor.
Power
Management
Event
PME_N
O8
Power Management Event.
This output signal indicates that an energy detect event has
occurred. It is intended to wake up the system from a low
power mode.
Note:
The assertion polarity is programmable (default
active low). An external pull-up resistor is
required for active-low operation; an external
pull-down resistor is required for active-high
operation.
System Reset
RESET_N
IPU
Active low system reset.
The device must be reset either during or after power-on.
An RC circuit is suggested for power-on reset.
Crystal Clock /
Oscillator Input
XI
ICLK
Crystal clock / oscillator input.
When using a 25MHz crystal, this input is connected to one
lead of the crystal. When using an oscillator, this pin is the
input from the oscillator. The crystal oscillator should have a
tolerance of ±50ppm.
Crystal Clock
Output
XO
OCLK
Crystal clock / oscillator output.
When using a 25MHz crystal, this output is connected to
one lead of the crystal. When using an oscillator, this pin is
left unconnected.
25/125MHz
Reference
Clock Output
SYNCLKO
O24
25/125MHz reference clock output, derived from the crystal
input or the recovered clock of any PHY. This signal may be
used for Synchronous Ethernet.
General
Purpose
Input/Output 1
GPIO_1
IPU/O8
This signal can be used as an input or output for use by the
IEEE 1588 event trigger or timestamp capture units. It will
be synchronized to the internal IEEE 1588 clock. This pin
can also be controlled (as an output) or sampled (as an
input) via device registers.
Transmit
Output Current
Set Resistor
ISET
A
Transmit output current set resistor.
This pin configures the physical transmit output current. It
must be connected to GND through a 6.04kΩ 1% resistor.
No Connect
NC
-
No Connect. For proper operation, this pin must be left
unconnected.
Power/Ground Pins
+3.3/2.5/1.8V
I/O Power
VDDIO
P
+3.3V / +2.5V / +1.8V I/O Power
+2.5V
Analog Power
AVDDH
P
+2.5V Analog Power
+1.2V
Analog Power
AVDDL
P
+1.2V Analog Power
+1.2V
Digital Power
DVDDL
P
+1.2V Digital Power
Ground
GND
GND
Ground (pins and pad)
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com