Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 67 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 67 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 63Page - Microchip Technology KSZ9567R Datasheet HTML 64Page - Microchip Technology KSZ9567R Datasheet HTML 65Page - Microchip Technology KSZ9567R Datasheet HTML 66Page - Microchip Technology KSZ9567R Datasheet HTML 67Page - Microchip Technology KSZ9567R Datasheet HTML 68Page - Microchip Technology KSZ9567R Datasheet HTML 69Page - Microchip Technology KSZ9567R Datasheet HTML 70Page - Microchip Technology KSZ9567R Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 67
KSZ9567R
5.0
DEVICE REGISTERS
The KSZ9567R has a rich set of registers for device management. The registers are accessed by the SPI or I2C inter-
faces, or by in-band management. Alternatively, the MIIM interface can be used to access the PHY registers only. The
MIIM interface cannot access the switch registers.
A 16-bit address is used to access the device registers. This address is split into three hierarchical spaces, as shown
in Figure 5-1. These three spaces are used to designate the port/channel (4-bits), function (page) of the port (4-bits),
and register of function (8-bits). The individual ports are numbered 1 through 7. In the port space, a value of 0 is used
for global registers. Address bit 15 is always 0.
FIGURE 5-1:
REGISTER ADDRESS MAPPING
15
14
13
12
11
10
9
8
7
0
1
2
3
4
5
6
= 0x0312
0 = Global
Register Space
Function Space
(Page)
Port Space
0
Examples:
00
00
01
10
00
10
01
0
N = Port #
= 0xN408
0
N
N
N
01
0
0
00
0
0
10
00
Control,
Status,
Storage,
Etc.
0 = Operation
1 = I/O Interface
2 = PHY
3 = General
4 = Look-up Tables
5 = IEEE 1588 PTP
6-F = Reserved
0 = Operation
1 = PHY
2 = Reserved
3 = RGMII / MII / RMII
4 = MAC
5 = MIB Counters
6 = ACL
7 = Reserved
8 = Ingress – Classification, Policing
9 = Egress – Shaping
A = Queue management
B = Address lookup engine
C = IEEE 1588 PTP
D-F = Reserved
Register
Address
Values of N
are 1 - 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com