Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 44 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 44 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 40Page - Microchip Technology KSZ9567R Datasheet HTML 41Page - Microchip Technology KSZ9567R Datasheet HTML 42Page - Microchip Technology KSZ9567R Datasheet HTML 43Page - Microchip Technology KSZ9567R Datasheet HTML 44Page - Microchip Technology KSZ9567R Datasheet HTML 45Page - Microchip Technology KSZ9567R Datasheet HTML 46Page - Microchip Technology KSZ9567R Datasheet HTML 47Page - Microchip Technology KSZ9567R Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 232 page
background image
KSZ9567R
DS00002329D-page 44
 2017-2019 Microchip Technology Inc.
Each of the 16 processing entries is used to link any number of matching rules (specified in RuleSet) to any one action
rule (specified in FRN). When there are multiple matching rules in a RuleSet, those rules are AND'ed together. Only if
all of those matching results are true will the FRN action be taken.
It is also possible to configure the ACL table so that multiple processing entries specify the same action rule. In this way,
the final matching result is the OR of the matching results from each of the multiple RuleSets.
The 16 ACL rules represent an ordered list, with entry #0 having the highest priority and entry #15 having the lowest
priority. All matching rules are evaluated. If there are multiple true match results and multiple corresponding actions, the
highest priority (lowest numbered) of those actions will be the one taken.
4.4.18.1
Processing Entry Description
The Processing Entry consists of two parameters as described in Table 4-15.
The examples in Figure 4-7 are interpreted as follows:
• Rule #0: Test the matching rule entry #0. If true, apply action rule entry #0.
• Rule #1: Test the matching rule entry #1. If true, apply action rule entry #0.
TABLE 4-15:
ACL PROCESSING ENTRY PARAMETERS
Parameter
Description
FRN[3:0]
First Rule Number
Pointer to an Action rule entry. Possible values are 0 to 15. If all Matching rules speci-
fied in the RuleSet are evaluated true, then this is the resulting Action rule.
RuleSet[15:0]
Specifies a set of one or more Matching rule entries.
RuleSet has one bit for each of the 16 Matching rule entries. If multiple Matching rules
are selected, then all conditions will be AND'ed to produce a final match result.
0 = Matching rule not selected
1 = Matching rule selected
FIGURE 4-7:
ACL STRUCTURE AND EXAMPLE RULE VALUES
FRN
0
0
1
4
5
9
#0
#15
#14
#13
#12
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
0
1
2
none
4, 5, 6
none
6
none
7, 11
none
none
none
none
none
none
none
RuleSet
Processing Field
Entry Number
Entry #0
Entry #1
Entry #2
Entry #3
Entry #4
Entry #5
Entry #6
Entry #7
Entry #8
Entry #9
Entry #10
Entry #11
Entry #12
Entry #13
Entry #14
Entry #15
Entry #0
Entry #1
Entry #2
Entry #3
Entry #4
Entry #5
Entry #6
Entry #7
Entry #8
Entry #9
Entry #10
Entry #11
Entry #12
Entry #13
Entry #14
Entry #15
Action Rule
Matching Rule
Action Field
OR
AND
When counter
function is enabled
in Matching Rule.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com