Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 23 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 23 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 19Page - Microchip Technology KSZ9567R Datasheet HTML 20Page - Microchip Technology KSZ9567R Datasheet HTML 21Page - Microchip Technology KSZ9567R Datasheet HTML 22Page - Microchip Technology KSZ9567R Datasheet HTML 23Page - Microchip Technology KSZ9567R Datasheet HTML 24Page - Microchip Technology KSZ9567R Datasheet HTML 25Page - Microchip Technology KSZ9567R Datasheet HTML 26Page - Microchip Technology KSZ9567R Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 23
KSZ9567R
The ‘11’ case occurs when the PHY is unable to shut down the link partner. In this instance, the test is not run because
it would be impossible for the PHY to determine if the detected signal is a reflection of the signal generated or a signal
from another source.
6.
For status 01 or 10, read the Cable Diagnostic Result in register 0xN124-0xN125 bits [7:0]. Get distance to fault
by the following formula:
7.
Distance to fault (meters) = 0.8 * (Cable Diagnostic Result – 22).
8.
To test another differential pair on this PHY, change the value of register 0xN124-0xN125 bits [13:12] when initi-
ating the test.
9.
Return the registers to their original values and restart auto-negotiation.
The following script will test the four pairs of port 1. For other ports, change the register addresses accordingly.
“ww” = write word (16-bits) [register] [data]
“rw” = read word (16-bits) [register]
Values are hexadecimal.
ww 1100 0140
# initialization
ww 1112 1000
# initialization
ww 1124 8000
# initiate test for pair A
sleep 250 msec
rw 1124
# read result for pair A
ww 1124 9000
# initiate test for pair B
sleep 250 msec
rw 1124
# read result for pair B
ww 1124 a000
# initiate test for pair C
sleep 250 msec
rw 1124
# read result for pair C
ww 1124 b000
# initiate test for pair D
sleep 250 msec
rw 1124
# read result for pair D
ww 1112 0700
# return register to default setting
ww 0 1340
# return register to default setting (may vary by application)
4.1.10
REMOTE PHY LOOPBACK
This loopback mode checks the line (differential pairs, transformer, RJ-45 connector, Ethernet cable) transmit and
receive data paths between the KSZ9567R and its Ethernet PHY link partner, and is supported for 10/100/1000 Mbps
at full-duplex.
The loopback data path is shown in Figure 4-2 and functions as follows:
• The Ethernet PHY link partner transmits data to the KSZ9567R PHY port.
• Data received at the external pins of the PHY port is looped back without passing through the MAC and internal
switch fabric.
• The same KSZ9567R PHY port transmits data back to the Ethernet PHY link partner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com