Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 83 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 83 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 79Page - Microchip Technology KSZ9567R Datasheet HTML 80Page - Microchip Technology KSZ9567R Datasheet HTML 81Page - Microchip Technology KSZ9567R Datasheet HTML 82Page - Microchip Technology KSZ9567R Datasheet HTML 83Page - Microchip Technology KSZ9567R Datasheet HTML 84Page - Microchip Technology KSZ9567R Datasheet HTML 85Page - Microchip Technology KSZ9567R Datasheet HTML 86Page - Microchip Technology KSZ9567R Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 83
KSZ9567R
5.1.4.11
Switch Lookup Engine Control 0 Register
Address:
0x0310
Size:
8 bits
Bits
Description
Type
Default
7
802.1Q VLAN Enable
This is the master enable for VLAN forwarding and filtering. Note that the
VLAN Table must be set up before VLAN mode is enabled.
1 = VLAN mode enabled
0 = VLAN mode disabled
R/W
0b
6
Drop Invalid VID
1 = All received packets with invalid VLAN ID are dropped.
0 = Received packets with invalid VLAN ID are forwarded to the host port.
Note that the Unknown VID Forwarding feature (Unknown VLAN ID Control
Register), if enabled, takes precedence over this bit.
R/W
1b
5:3
Age Count
This bit, in combination with the Age Period value (Switch Lookup Engine
Control 3 Register), determines the aging time of dynamic entries in the
address lookup table. This value is used for the Age Count field whenever a
dynamic table entry is updated.
R/W
10_0b
2
Reserved Multicast Lookup Enable
1 = Enable Reserved Multicast Table
0 = Disable Reserved Multicast Table
R/W
0b
1:0
HASH_OPTION
Defines the hashing option for mapping entries to the dynamic lookup table.
00, 11 = Entry is mapped directly using the 10 least significant bits of the
destination address.
01 = The CRC hashing function is used.
10 = The XOR hashing function is used.
Refer to Section 4.4.2.1, "Address Lookup (ALU) Table," on page 28 for
additional information.
R/W
01b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com