Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 36 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 36 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 32Page - Microchip Technology KSZ9567R Datasheet HTML 33Page - Microchip Technology KSZ9567R Datasheet HTML 34Page - Microchip Technology KSZ9567R Datasheet HTML 35Page - Microchip Technology KSZ9567R Datasheet HTML 36Page - Microchip Technology KSZ9567R Datasheet HTML 37Page - Microchip Technology KSZ9567R Datasheet HTML 38Page - Microchip Technology KSZ9567R Datasheet HTML 39Page - Microchip Technology KSZ9567R Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 232 page
background image
KSZ9567R
DS00002329D-page 36
 2017-2019 Microchip Technology Inc.
4.4.5
TRAFFIC CONDITIONING & POLICING
4.4.5.1
Two Rate Three Color Marker
The Two Rate Three Color Marker meters an IP packet stream and marks its packets green, yellow, or red. A packet is
marked red if it exceeds the Peak Information Rate (PIR). Otherwise, it is marked either yellow or green depending on
whether it exceeds or doesn't exceed the Committed Information Rate (CIR).
The Meter operates in one of two modes. In the Color-Blind mode, the Meter assumes that the packet stream is uncol-
ored. In the Color-Aware mode, the Meter assumes that some preceding entity has pre-colored the incoming packet
stream so that each packet is green, yellow, or red. The Marker (re)colors an IP packet according to the results of the
Meter.
4.4.5.2
Weighted Random Early Detection (WRED)
The WRED feature monitors the average queue size of packet memory and ingress queue size of each traffic class,
and drops packets based on memory and queue utilization. If the buffers are almost empty, all incoming traffic is
accepted. As the buffer utilization increases, the probability for dropping an incoming packet also increases.
WRED is intended to avoid the problem of global synchronization. Global synchronization can occur when a switch
becomes congested and begins dropping incoming packets all at once. For TCP streams, packet drops invoke the TCP
congestion control mechanism, which reduce the transmission rate until there are no more packet drops. If there are
many TCP streams and their congestion control mechanisms act in unison, this can cause an undesirable oscillation in
traffic rates. By selectively dropping some packets early rather than waiting until the buffer is full, WRED avoids dropping
large numbers of packets at once and minimizes the chances of global synchronization.
The packet drop probability is based on the minimum threshold, maximum threshold, and a probability multiplier. When
the average queue depth is above the minimum threshold, packets start getting dropped. The rate of packet drop
increases linearly as the average queue size increases until the average queue size reaches the maximum threshold.
The probability multiplier is the fraction of packets dropped when the average queue depth is at the maximum threshold.
When the average queue size is above the maximum threshold, all packets are dropped.
AVB traffic streams (SR streams) can be exempted from WRED policing.
4.4.6
SPANNING TREE SUPPORT
To support spanning tree, one port is the designated port for the host processor, which is defined as the port for which
tail tagging is enabled. Each of the other ports can be configured in one of the five spanning tree states via “transmit
enable”, “receive enable” and “learning disable” register bits. Table 4-12 shows the setting and software actions taken
for each of the five spanning tree states.
TABLE 4-12:
SPANNING TREE STATES
Disable State
Port Setting
Software Action
The port should not forward
or receive any packets.
Learning is disabled.
transmit enable = 0
receive enable = 0
learning disable = 1
The processor should not send any packets to the
port. The switch may still send specific packets to the
processor (packets that match some entries in the
“Static MAC Table” with “overriding bit” set) and the
processor should discard those packets. Address
learning is disabled on the port in this state.
Blocking State
Port Setting
Software Action
Only packets to the proces-
sor are forwarded.
Learning is disabled.
transmit enable = 0
receive enable = 0
learning disable = 1
The processor should not send any packets to the
port(s) in this state. The processor should program
the “Static MAC Table” with the entries that it needs
to receive (for example, BPDU packets). The “over-
riding” bit should also be set so that the switch will
forward those specific packets to the processor.
Address learning is disabled on the port in this state.
Listening State
Port Setting
Software Action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com