Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 27 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 27 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 23Page - Microchip Technology KSZ9567R Datasheet HTML 24Page - Microchip Technology KSZ9567R Datasheet HTML 25Page - Microchip Technology KSZ9567R Datasheet HTML 26Page - Microchip Technology KSZ9567R Datasheet HTML 27Page - Microchip Technology KSZ9567R Datasheet HTML 28Page - Microchip Technology KSZ9567R Datasheet HTML 29Page - Microchip Technology KSZ9567R Datasheet HTML 30Page - Microchip Technology KSZ9567R Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 27
KSZ9567R
To ensure no packet loss in 10BASE-Te or 100BASE-TX half-duplex modes, the user must enable the following:
• No excessive collision drop (Switch MAC Control 1 Register)
• Back pressure (Port MAC Control 1 Register)
4.3.8
FLOW CONTROL AND BACK PRESSURE REGISTERS
Table 4-4 provides a list of flow control and back pressure related registers.
4.3.9
BROADCAST STORM PROTECTION
The device has an intelligent option to protect the switch system from receiving too many broadcast packets. As the
broadcast packets are forwarded to all ports except the source port, an excessive number of switch resources (band-
width and available space in transmit queues) may be utilized. The device has the option to include “multicast packets”
for storm control. The broadcast storm rate parameters are programmed globally, and can be enabled or disabled on a
per port basis. The rate is based on a 5ms interval for 1000BASE-T, a 50ms interval for 100BASE-TX and a 500ms
interval for 10BASE-Te. At the beginning of each interval, the counter is cleared to zero and the rate limit mechanism
starts to count the number of bytes during the interval. The rate definition is described in control registers. The default
setting equates to a rate of 1%.
4.3.10
SELF-ADDRESS FILTERING
Received packets can be filtered (dropped) if their source address matches the device's MAC address. This feature is
useful for automatically terminating packets once they have traversed a ring network and returned to their source. It can
be enabled on a per-port basis via the Switch Lookup Engine Control 1 Register and Port Control 2 Register.
4.4
Switch
4.4.1
SWITCHING ENGINE
A high-performance switching engine is used to move data to and from the MAC's packet buffers. It operates in store
and forward mode, while an efficient switching mechanism reduces overall latency. The switching engine has a
256KByte internal frame buffer that is shared between all the ports.
For the majority of switch functions, all of the data ports are treated equally. However, a few functions such as IGMP
snooping, 802.1X, forwarding invalid VLAN packets, etc., give special recognition to the host port. Any port (but most
commonly port 6 or port 7) may be assigned as the host port by enabling tail tagging mode for that port. Only one port
may be a host port.
TABLE 4-4:
FLOW CONTROL AND BACK PRESSURE REGISTERS
Registers
Description
LED Configuration Strap Register
LED configuration strap settings.
(LED1_1 enables flow control and back pressure)
Switch MAC Address 0 Register
through
Switch MAC Address 5 Register
Switch's MAC address, used as source address of PAUSE control
frames
Switch MAC Control 0 Register
“Aggressive back-off” enable
Switch MAC Control 1 Register
BP mode, “Fair mode” enable, “no excessive collision drop” enable
Switch MAC Control 4 Register
Pass PAUSE control frames
Port Status Register
Flow control enable (per port)
PHY Auto-Negotiation Advertisement Register PHY - flow control advertisement (per port)
Port MAC Control 1 Register
Half-duplex back pressure enable (per port)
Port Ingress Rate Limit Control Register
Ingress rate limit flow control enable (per port)
Port Control 0 Register
Drop mode (per port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com