Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 30 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 30 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 26Page - Microchip Technology KSZ9567R Datasheet HTML 27Page - Microchip Technology KSZ9567R Datasheet HTML 28Page - Microchip Technology KSZ9567R Datasheet HTML 29Page - Microchip Technology KSZ9567R Datasheet HTML 30Page - Microchip Technology KSZ9567R Datasheet HTML 31Page - Microchip Technology KSZ9567R Datasheet HTML 32Page - Microchip Technology KSZ9567R Datasheet HTML 33Page - Microchip Technology KSZ9567R Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 232 page
background image
KSZ9567R
DS00002329D-page 30
 2017-2019 Microchip Technology Inc.
4.4.2.6
Aging
The lookup engine updates the age count information of a dynamic record in the ALU table whenever the corresponding
SA appears. The age count is used in the aging process. If a record is not updated for a period of time, the lookup engine
removes the record from the table. The lookup engine constantly performs the aging process and continuously removes
aging records. The aging period is about 300 seconds (±75 seconds) and can be configured longer or shorter (1 second
to 30 minutes). This feature can be enabled or disabled. Static entries are exempt from the aging process.
4.4.2.7
Forwarding
The device forwards packets using the algorithm that is depicted in Figure 4-3. Figure 4-3 shows stage one of the for-
warding algorithm where the search engine looks up the VLAN ID, static table, and dynamic table for the destination
address, and comes up with “port to forward 1" (PTF1). PTF1 is then further modified by spanning tree, IGMP snooping,
port mirroring, and port VLAN processes.
The ACL process works in parallel with the flow outlined above. The authentication and ACL processes have the highest
priority in the forwarding process, and the ACL result may override the result of the above flow. The output of the ACL
process is the final “port-to-forward 2" (PTF2) destination port(s).
The device will not forward the following packets:
• Error packets: These include framing errors, frame check sequence (FCS) errors, alignment errors, and illegal
size packet errors.
• MAC Control PAUSE frames: The device intercepts these packets and performs full duplex flow control accord-
ingly.
• “Local” packets: Based on destination address (DA) lookup. If the destination port from the lookup table matches
the port from which the packet originated, the packet is defined as “local”.
• In-Band Management packets.
FIGURE 4-3:
PACKET FORWARDING PROCESS FLOWCHART
Start
PTF1=NULL
VLAN ID Valid?
no
Get PTF1 from
Static Array
Search
Static
Array
found
Get PTF1 from
Address Table
Search
Address
Look-up
Table
found
Get PTF1 from
VLAN Table
PTF1
yes
not found
not found
- Search VLAN table
- Ingress VLAN filtering
-Discard NPVID check
Search based on
DA or DA+FID
Search based on
DA+FID
PTF1
Spanning Tree
Process
Port Mirror
Process
IGMP / MLD
Process
PTF2
- Check receiving port s receive enable bit
- Check destination port s transmit enable bit
- Check whether packets are special (BPDU)
- IGMP / MLD packets are forwarded
to Host port
- Process does not apply to packets
received at Host port
-RX Mirror
-TX Mirror
- RX or TX Mirror
- RX and TX Mirror
Port
Authentication
& ACL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com