Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 71 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 71 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 67Page - Microchip Technology KSZ9567R Datasheet HTML 68Page - Microchip Technology KSZ9567R Datasheet HTML 69Page - Microchip Technology KSZ9567R Datasheet HTML 70Page - Microchip Technology KSZ9567R Datasheet HTML 71Page - Microchip Technology KSZ9567R Datasheet HTML 72Page - Microchip Technology KSZ9567R Datasheet HTML 73Page - Microchip Technology KSZ9567R Datasheet HTML 74Page - Microchip Technology KSZ9567R Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 71
KSZ9567R
5.1.1.5
PME Pin Control Register
5.1.1.6
Global Interrupt Status Register
This register provides the top level interrupt status for the LUE and GPIO trigger and timestamp functions. These inter-
rupts are enabled in the Global Interrupt Mask Register. For port specific interrupts, refer to the Port Interrupt Status
Register.
Address:
0x0006
Size:
8 bits
Bits
Description
Type
Default
7:2
RESERVED
RO
-
1
PME Pin Output Enable
0 = Disabled
1 = Enabled
R/W
0b
0
PME Pin Output Polarity
0 = PME is active low
1 = PME is active high
R/W
0b
Address:
0x0010 - 0x0013
Size:
32 bits
Bits
Description
Type
Default
31
Lookup Engine (LUE) Interrupt Status
Refer to the Address Lookup Table Interrupt Register for detailed LUE
interrupt status bits.
0 = No interrupt
1 = Interrupt request
RO
0b
30
GPIO Pin Output Trigger and Timestamp Unit Interrupt Status
Refer to the GPIO Status Monitor 1 Register to determine whether it is a
Trigger Output Unit interrupt or a Timestamp Unit interrupt.
For the interrupt status for the port-based time stamping of PTP egress
frames, refer to the Port Interrupt Status Register and Port PTP Timestamp
Interrupt Status Register.
0 = No interrupt
1 = Interrupt request
RO
0b
29:0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com