Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 16 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 16 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 12Page - Microchip Technology KSZ9567R Datasheet HTML 13Page - Microchip Technology KSZ9567R Datasheet HTML 14Page - Microchip Technology KSZ9567R Datasheet HTML 15Page - Microchip Technology KSZ9567R Datasheet HTML 16Page - Microchip Technology KSZ9567R Datasheet HTML 17Page - Microchip Technology KSZ9567R Datasheet HTML 18Page - Microchip Technology KSZ9567R Datasheet HTML 19Page - Microchip Technology KSZ9567R Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 232 page
background image
KSZ9567R
DS00002329D-page 16
 2017-2019 Microchip Technology Inc.
3.2.1
CONFIGURATION STRAPS
The KSZ9567R utilizes configuration strap pins to configure the device for different modes. While RESET_N is low,
these pins are hi-Z. Pull-up/down resistors are used to create high or low states on these pins, which are internally sam-
pled at the rising edge of RESET_N. All of these pins have a weak internal pull-up or pull-down resistor which provides
a default level for strapping. To strap an LED pin low, use a 750Ω to 1kΩ external pull-down resistor. To strap a non-LED
pin high, use an external 1kΩ to 10kΩ pull-up resistor to VDDIO. Once RESET_N is high, all of these pins become driven
outputs.
Because the internal pull-up/down resistors are not strong, consideration must be given to any other pull-up/down resis-
tors which may reside on the board or inside a device connected to these pins.
When an LED pin is directly driving an LED, the effect of the LED and LED load resistor on the strapping level must be
considered. This is the reason for using a small value resistor to pull an LED pin low. This is especially true when an
LED is powered from a voltage that is higher than VDDIO.
The configuration strap pins and their associated functions are detailed in Table 3-3.
TABLE 3-3:
CONFIGURATION STRAP DESCRIPTIONS
CONFIGURATION
STRAP PIN
DESCRIPTION
LED1_1
Flow Control (All Ports)
0: Flow control disabled
1: Flow control enabled (Default)
LED2_1
Link-up Mode (All PHYs)
0: Fast Link-up: Auto-negotiation and auto MDI/MDI-X are disabled
1: Normal Link-up: Auto-negotiation and auto MDI/MDI-X are enabled (Default)
Note:
Since Fast Link-up disables auto-negotiation and auto-crossover, it is suitable only
for specialized applications.
LED4_0, LED2_0
When LED2_1 = 1 at strap-in (Normal Link-up):
[LED4_0, LED2_0]: Auto-Negotiation Enable (All PHYs) / NAND Tree Test Mode
00: Reserved
01: Auto-negotiation disabled, forced as 100 Mbps and half duplex. Auto-MDI-X is on.
10: NAND Tree test mode
11: Auto-negotiation enabled (Default)
When LED2_1 = 0 at strap-in (Fast Link-up; All PHYs Full-Duplex; Auto-negotiation and
Auto-MDI-X are off):
LED2_0: 1000BASE-T Master/Slave Mode, 100BASE-T MDI/MDI-X Mode (All PHYs)
0: 1000BASE-T: Slave Mode
100BASE-T: MDI-X
1: 1000BASE-T: Master Mode (Default)
100BASE-T: MDI (Default)
LED4_0: PHY Speed Select (All PHYs)
0: 1000BASE-T
1: 100BASE-TX (Default)
LED4_1, LED3_1
[LED4_1, LED3_1]: Management Interface Mode
00: MIIM (MDIO)
01: I2C
1x: SPI (Default)
LED5_1
Switch Enable at Startup
0: Start Switch is disabled. The switch will not forward packets until the Start Switch bit is set
in the Switch Operation Register.
1: Start Switch is enabled. The switch will forward packets immediately after reset. (Default)
RXD6_3, RXD6_2
[RXD6_3, RXD6_2]: Port 6 Mode
00: RGMII (Default)
01: RMII
10: Reserved
11: MII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com