Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 73 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 73 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 69Page - Microchip Technology KSZ9567R Datasheet HTML 70Page - Microchip Technology KSZ9567R Datasheet HTML 71Page - Microchip Technology KSZ9567R Datasheet HTML 72Page - Microchip Technology KSZ9567R Datasheet HTML 73Page - Microchip Technology KSZ9567R Datasheet HTML 74Page - Microchip Technology KSZ9567R Datasheet HTML 75Page - Microchip Technology KSZ9567R Datasheet HTML 76Page - Microchip Technology KSZ9567R Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 73
KSZ9567R
5.1.1.8
Global Port Interrupt Status Register
This register provides the top level interrupt status for the individual ports. These interrupts are enabled in the Global
Port Interrupt Mask Register. Refer to the Port Interrupt Status Register for detailed port interrupt status.
Address:
0x0018 - 0x001B
Size:
32 bits
Bits
Description
Type
Default
31:7
RESERVED
RO
-
6
Port 7 Interrupt Status
0 = No interrupt
1 = Interrupt request
RO
0b
5
Port 6 Interrupt Status
0 = No interrupt
1 = Interrupt request
RO
0b
4
Port 5 Interrupt Status
0 = No interrupt
1 = Interrupt request
RO
0b
3
Port 4 Interrupt Status
0 = No interrupt
1 = Interrupt request
RO
0b
2
Port 3 Interrupt Status
0 = No interrupt
1 = Interrupt request
RO
0b
1
Port 2 Interrupt Status
0 = No interrupt
1 = Interrupt request
RO
0b
0
Port 1 Interrupt Status
0 = No interrupt
1 = Interrupt request
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com