Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 214 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 214 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 210Page - Microchip Technology KSZ9567R Datasheet HTML 211Page - Microchip Technology KSZ9567R Datasheet HTML 212Page - Microchip Technology KSZ9567R Datasheet HTML 213Page - Microchip Technology KSZ9567R Datasheet HTML 214Page - Microchip Technology KSZ9567R Datasheet HTML 215Page - Microchip Technology KSZ9567R Datasheet HTML 216Page - Microchip Technology KSZ9567R Datasheet HTML 217Page - Microchip Technology KSZ9567R Datasheet HTML 218Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 232 page
background image
KSZ9567R
DS00002329D-page 214
 2017-2019 Microchip Technology Inc.
6.4.6
AUTO-NEGOTIATION TIMING
Figure 6-11 illustrates the Auto-Negotiation timing requirements.
FIGURE 6-11:
AUTO-NEGOTIATION TIMING
TABLE 6-10:
AUTO-NEGOTIATION TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tBTB
FLP burst to FLP burst
8
16
24
ms
tFLPW
FLP burst width
2
ms
tPW
Clock/Data pulse width
100
ns
tCTD
Clock pulse to data pulse
55.5
64
69.5
s
tCTC
Clock pulse to clock pulse
111
128
139
s
Number of clock/data pulses per burst
17
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com