Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 220 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 220 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 216Page - Microchip Technology KSZ9567R Datasheet HTML 217Page - Microchip Technology KSZ9567R Datasheet HTML 218Page - Microchip Technology KSZ9567R Datasheet HTML 219Page - Microchip Technology KSZ9567R Datasheet HTML 220Page - Microchip Technology KSZ9567R Datasheet HTML 221Page - Microchip Technology KSZ9567R Datasheet HTML 222Page - Microchip Technology KSZ9567R Datasheet HTML 223Page - Microchip Technology KSZ9567R Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 232 page
background image
KSZ9567R
DS00002329D-page 220
 2017-2019 Microchip Technology Inc.
7.2
Magnetics Connection and Selection Guidelines
A 1:1 isolation transformer is required at the line interface. For designs exceeding FCC requirements, utilize one with
integrated common-mode chokes. An optional auto-transformer stage following the chokes provides additional com-
mon-mode noise and signal attenuation.
The KSZ9567R PHY port design incorporates voltage-mode transmit drivers and on-chip terminations. With the voltage-
mode implementation, the transmit drivers supply the common-mode voltages to the four differential pairs. Therefore,
the four transformer center tap pins on the KSZ9567R chip side should not be connected to any power supply source
on the board; rather, the center tap pins should be separated from one another and connected through separate 0.1µF
common-mode capacitors to ground. Separation is required because the common-mode voltage could be different
between the differential pairs, depending on the connected speed mode.
Figure 7-3 details a typical magnetic interface circuit for the KSZ9567R PHY port.
Table 7-1 provides a list of recommended magnetic characteristics.
FIGURE 7-3:
TYPICAL MAGNETIC INTERFACE CIRCUIT
TABLE 7-1:
MAGNETICS SELECTION CRITERIA
Parameter
Value
Test Condition
Turns ratio
1 CT : 1 CT
Open-circuit inductance (min.)
350µH
100mV, 100KHz, 8mA
Insertion loss (typ.)
1.0dB
100KHz to 100MHz
HIPOT (min.)
1500vrms
1
2
3
7
8
4
5
6
4X 75
Ohm
1000 pF / 2kV
CHASSIS GROUND
(4X 0.1uF)
TXRXxP_A
TXRXxM_A
TXRXxP_B
TXRXxM_B
TXRXxP_C
TXRXxM_C
TXRXxP_D
TXRXxM_D
SIGNAL GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com