Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 134 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 134 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 130Page - Microchip Technology KSZ9567R Datasheet HTML 131Page - Microchip Technology KSZ9567R Datasheet HTML 132Page - Microchip Technology KSZ9567R Datasheet HTML 133Page - Microchip Technology KSZ9567R Datasheet HTML 134Page - Microchip Technology KSZ9567R Datasheet HTML 135Page - Microchip Technology KSZ9567R Datasheet HTML 136Page - Microchip Technology KSZ9567R Datasheet HTML 137Page - Microchip Technology KSZ9567R Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 232 page
background image
KSZ9567R
DS00002329D-page 134
 2017-2019 Microchip Technology Inc.
5.2
Port Registers
This section details the device’s port registers. All settings are on a per-port basis. Address field “N” specifies the port
number. Valid values for “N” are 1 to 7 for some registers, 6 to 7 for MAC port specific registers, and 0 to 5 for PHY
specific registers.
For an overview of the device’s entire register map, refer to Section 5.0, "Device Registers". For details on the device’s
global registers, refer to Section 5.1, "Global Registers".
5.2.1
PORT N: PORT OPERATION CONTROL REGISTERS (0xN000 - 0xN0FF)
5.2.1.1
Port Default Tag 0 Register
5.2.1.2
Port Default Tag 1 Register
5.2.1.3
Port PME_WoL Event Register
Address:
0xN000
Port N: 1-7
Size:
8 bits
Bits
Description
Type
Default
7:0
Port Default 802.1Q Tag [15:8]
Bits [7:5]: Priority Code Point (PCP)
Bit [4]: Drop Eligible Indicator (DEI)
Bits [3:0]: VLAN Identifier (VID) [11:8]
R/W
0x00
Address:
0xN001
Port N: 1-7
Size:
8 bits
Bits
Description
Type
Default
7:0
Port Default 802.1Q tag [7:0]
VLAN Identifier (VID) [7:0]
R/W
0x01
Address:
0xN013
Port N: 1-7
Size:
8 bits
Bits
Description
Type
Default
7:3
RESERVED
RO
0000_0b
2
Magic Packet Detect
To be detected, the destination address of the Magic Packet must match the
Global Switch MAC Address in the Switch MAC Address 0 Register through
Switch MAC Address 5 Register.
1 = Magic Packet is detected at this port
0 = Not detected
RO/WC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com