Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 140 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 140 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 136Page - Microchip Technology KSZ9567R Datasheet HTML 137Page - Microchip Technology KSZ9567R Datasheet HTML 138Page - Microchip Technology KSZ9567R Datasheet HTML 139Page - Microchip Technology KSZ9567R Datasheet HTML 140Page - Microchip Technology KSZ9567R Datasheet HTML 141Page - Microchip Technology KSZ9567R Datasheet HTML 142Page - Microchip Technology KSZ9567R Datasheet HTML 143Page - Microchip Technology KSZ9567R Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 232 page
background image
KSZ9567R
DS00002329D-page 140
 2017-2019 Microchip Technology Inc.
Note 5-4
The default value of this field is determined by the associated configuration strap value. Refer to
Section 3.2.1, "Configuration Straps," on page 16 for additional information.
5.2.2.2
PHY Basic Status Register
PHY register 0x01.
7
Collision Test
1 = Enable COL test
0 = Disable COL test
R/W
0b
6
Speed Select (MSB)
This bit is ignored if auto-negotiation is enabled (bit 12 in this register).
Bits [6, 13]
11 = Reserved
10 = 1000 Mb/s
01 = 100 Mb/s
00 = 10 Mb/s
R/W
Note 5-4
5:0
RESERVED
RO
0x00
Address:
0xN102 - 0xN103
Port N: 1-5
Size:
16 bits
Bits
Description
Type
Default
15
100BASE-T4
0 = PHY is not 100BASE-T4 capable
RO
0b
14
100BASE-TX Full Duplex
1 = PHY is 100BASE-TX full-duplex capable
RO
1b
13
100BASE-TX Half Duplex
1 = PHY is 100BASE-TX half-duplex capable
RO
1b
12
10 Mb/s Full Duplex
1 = PHY is 10 Mb/s full-duplex capable
RO
1b
11
10 Mb/s Half Duplex
1 = PHY is 10 Mb/s half-duplex capable
RO
1b
10:9
RESERVED
RO
00b
8
Extended Status
1 = PHY Extended Status Register contains extended status information.
RO
1b
7
RESERVED
RO
0b
6
MF Preamble Suppression
1 = PHY will accept management frames with preamble suppressed
RO
1b
5
Auto-negotiation Complete
1 = Auto-negotiation process is complete
0 = Auto-negotiation process is not complete
RO
-
4
Remote (Far End) Fault
1 = Remote fault condition detected
0 = No remote fault detected
RO
LH
-
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com