Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 151 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 151 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 147Page - Microchip Technology KSZ9567R Datasheet HTML 148Page - Microchip Technology KSZ9567R Datasheet HTML 149Page - Microchip Technology KSZ9567R Datasheet HTML 150Page - Microchip Technology KSZ9567R Datasheet HTML 151Page - Microchip Technology KSZ9567R Datasheet HTML 152Page - Microchip Technology KSZ9567R Datasheet HTML 153Page - Microchip Technology KSZ9567R Datasheet HTML 154Page - Microchip Technology KSZ9567R Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 232 page
background image
 2017-2019 Microchip Technology Inc.
DS00002329D-page 151
KSZ9567R
5.2.2.17
PHY Digital PMA/PCS Status Register
PHY register 0x13.
5.2.2.18
Port RXER Count Register
PHY register 0x15.
5.2.2.19
Port Interrupt Control / Status Register
PHY register 0x1B.
Address:
0xN126 - 0xN127
Port N: 1-5
Size:
16 bits
Bits
Description
Type
Default
15:2
RESERVED
RO
LH
0x0000
1
1000BASE-T Link Status
1 = Link is up
0 = Link is down
RO
-
0
100BASE-TX Link Status
1 = Link is up
0 = Link is down
RO
-
Address:
0xN12A - 0xN12B
Port N: 1-5
Size:
16 bits
Bits
Description
Type
Default
15:0
RXER Counter
Count of receive frames with one or more symbol errors.
RO
RC
0x0000
Address:
0xN136 - 0xN137
Port N: 1-5
Size:
16 bits
Bits
Description
Type
Default
15
Jabber Interrupt Enable
1 = Enable jabber interrupt
0 = Disable jabber interrupt
R/W
0b
14
Receive Error Interrupt Enable
1 = Enable receive error interrupt
0 = Disable receive error interrupt
R/W
0b
13
Page Received Interrupt Enable
1 = Enable page received interrupt
0 = Disable page received interrupt
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com