Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSZ9567R Datasheet(PDF) 166 Page - Microchip Technology

Part # KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Datasheet(HTML) 166 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 162Page - Microchip Technology KSZ9567R Datasheet HTML 163Page - Microchip Technology KSZ9567R Datasheet HTML 164Page - Microchip Technology KSZ9567R Datasheet HTML 165Page - Microchip Technology KSZ9567R Datasheet HTML 166Page - Microchip Technology KSZ9567R Datasheet HTML 167Page - Microchip Technology KSZ9567R Datasheet HTML 168Page - Microchip Technology KSZ9567R Datasheet HTML 169Page - Microchip Technology KSZ9567R Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 232 page
background image
KSZ9567R
DS00002329D-page 166
 2017-2019 Microchip Technology Inc.
5.2.6.12
Port ACL Access B Register
5.2.6.13
Port ACL Access C Register
5.2.6.14
Port ACL Access D Register
5.2.6.15
Port ACL Access E Register
Address:
0xN60B
Port N: 1-7
Size:
8 bits
Bits
Description
Type
Default
7
Remark Priority [0]
The LSB of the 3-bit Remark Priority field. Refer to the Port ACL Access B
Register for the MSB.
R/W
0b
6:5
Map Mode (MM)
R/W
00b
4:0
RESERVED
R/W
0b
Address:
0xN60C
Port N: 1-7
Size:
8 bits
Bits
Description
Type
Default
7:0
RESERVED
R/W
0x00
Address:
0xN60D
Port N: 1-7
Size:
8 bits
Bits
Description
Type
Default
7
RESERVED
R/W
0b
6:0
Port Forward Map
Each bit corresponds to a forwarding port.
Bit 0 corresponds to port 1,
Bit 1 corresponds to port 2, etc.
1 = enable forwarding to that port
0 = do not forward to that port
R/W
000_0000b
Address:
0xN60E
Port N: 1-7
Size:
8 bits
Bits
Description
Type
Default
7:0
Ruleset [15:8]
R/W
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com