Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 100Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 101Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 102Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 103Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 104Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 105Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 106Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 107Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
104/159
DS13564 Rev 4
8 bits
1.5(3)
43
82
3.5
100
1500
7.5
214
3900
12.5
357
6800
19.5
557
12000
39.5
1129
27000
79.5
2271
50000
160.5
4586
50000
6 bits
1.5(3)
43
390
3.5
100
2200
7.5
214
5600
12.5
357
10000
19.5
557
15000
39.5
1129
33000
79.5
2271
50000
160.5
4586
50000
1. Guaranteed by design.
2. I/O analog switch voltage booster must be enabled (BOOSTEN = 1 in the SYSCFG_CFGR1) when VDDA < 2.4 V and
disabled when VDDA ≥ 2.4 V.
3. Only allowed with VDDA > 2 V
Table 62. Maximum ADC RAIN . (continued)
Resolution
Sampling cycle at 35 MHz
Sampling time at 35 MHz
[ns]
Max. RAIN(1)(2)
(Ω)
Table 63. ADC accuracy(1)(2)(3)
Symbol
Parameter
Conditions(4)
Min
Typ
Max
Unit
ET
Total
unadjusted
error
VDDA = VREF+ = 3 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = 25 °C
-3
4
LSB
2 V < VDDA=VREF+ < 3.6 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = entire range
-3
6.5
1.65 V < VDDA=VREF+ < 3.6 V;
TA = entire range
Range 1: fADC = 35 MHz; fs ≤ 2.2 MSps;
Range 2: fADC = 16 MHz; fs ≤ 1.1 MSps;
-3
7.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com