Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 102Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 103Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 104Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 105Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 106Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 107Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 108Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 109Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
106/159
DS13564 Rev 4
ENOB
Effective
number of bits
VDDA = VREF+ = 3 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = 25 °C
10.1
10.2
-
bit
2 V < VDDA = VREF+ < 3.6 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = entire range
9.6
10.2
-
1.65 V < VDDA = VREF+ < 3.6 V;
TA = entire range
Range 1: fADC = 35 MHz; fs ≤ 2.2 MSps;
Range 2: fADC = 16 MHz; fs ≤ 1.1 MSps;
9.5
10.2
-
SINAD
Signal-to-noise
and distortion
ratio
VDDA = VREF+ = 3 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = 25 °C
62.5
63
-
dB
2 V < VDDA = VREF+ < 3.6 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = entire range
59.5
63
-
1.65 V < VDDA = VREF+ < 3.6 V;
TA = entire range
Range 1: fADC = 35 MHz; fs ≤ 2.2 MSps;
Range 2: fADC = 16 MHz; fs ≤ 1.1 MSps;
59
63
-
SNR
Signal-to-noise
ratio
VDDA = VREF+ = 3 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = 25 °C
63
64
-
dB
2 V < VDDA = VREF+ < 3.6 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = entire range
60
64
-
1.65 V < VDDA = VREF+ < 3.6 V;
TA = entire range
Range 1: fADC = 35 MHz; fs ≤ 2.2 MSps;
Range 2: fADC = 16 MHz; fs ≤ 1.1 MSps;
60
64
-
THD
Total harmonic
distortion
VDDA = VREF+ = 3 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = 25 °C
--74
-73
dB
2 V < VDDA = VREF+ < 3.6 V;
fADC = 35 MHz; fs ≤ 2.5 MSps;
TA = entire range
--74
-70
1.65 V < VDDA = VREF+ < 3.6 V;
TA = entire range
Range 1: fADC = 35 MHz; fs ≤ 2.2 MSps;
Range 2: fADC = 16 MHz; fs ≤ 1.1 MSps;
--74
-70
1. Based on characterization results, not tested in production.
2. ADC DC accuracy values are measured after internal calibration.
3. Injecting negative current on any analog input pin significantly reduces the accuracy of A-to-D conversion of signal on
another analog input. It is recommended to add a Schottky diode (pin to ground) to analog pins susceptible to receive
negative current.
4. I/O analog switch voltage booster enabled (BOOSTEN = 1 in the SYSCFG_CFGR1) when VDDA < 2.4 V and disabled
when VDDA ≥ 2.4 V.
Table 63. ADC accuracy(1)(2)(3) (continued)
Symbol
Parameter
Conditions(4)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com