Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 106Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 107Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 108Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 109Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 110Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 111Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 112Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 113Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 159 page
background image
Electrical characteristics
STM32G0C1xC/xE
110/159
DS13564 Rev 4
Figure 30. 12-bit buffered / non-buffered DAC
1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external loads directly
without the use of an external operational amplifier. The buffer can be bypassed by configuring the BOFFx bit in the
DAC_CR register.
IDDV(DAC)
DAC consumption from
VREF+
DAC output
buffer ON
No load, middle
code (0x800)
-
185
240
µA
No load, worst code
(0xF1C)
-
340
400
DAC output
buffer OFF
No load, middle
code (0x800)
-
155
205
Sample and hold mode, buffer ON,
CSH = 100 nF, worst case
-
185 ₓ
Ton/(Ton+
Toff)(4)
400 ₓ
Ton/(Ton+
Toff)(4)
Sample and hold mode, buffer OFF,
CSH = 100 nF, worst case
-
155 ₓ
Ton/(Ton+
Toff)(4)
205 ₓ
Ton/(Ton+
Toff)(4)
1. Guaranteed by design.
2. In buffered mode, the output can overshoot above the final value for low input code (starting from min value).
3. Refer to Table 55: I/O static characteristics.
4. Ton is the Refresh phase duration. Toff is the Hold phase duration. Refer to RM0444 reference manual for more details.
Table 64. DAC characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
MSv47959V1
12-bit
digital-to-analog
converter
Buffered / non-buffered DAC
DAC_OUTx
RLOAD
CLOAD
Buffer
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com