Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 109Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 110Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 111Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 112Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 113Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 114Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 115Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 116Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 159 page
background image
DS13564 Rev 4
113/159
STM32G0C1xC/xE
Electrical characteristics
124
5.3.20
Comparator characteristics
TCoeff_vrefbuf
Temperature
coefficient of
VREFBUF(3)
-40 °C < TJ < +125 °C
-
-
50
ppm/ °C
PSRR
Power supply
rejection
DC
40
60
-
dB
100 kHz
25
40
-
tSTART
Start-up time
CL = 0.5 µF(4)
-300
350
µs
CL = 1.1 µF(4)
-500
650
CL = 1.5 µF(4)
-650
800
IINRUSH
Control of
maximum DC
current drive on
VREFBUF_OUT
during start-up
phase (5)
--
8
-
mA
IDDA(VREFB
UF)
VREFBUF
consumption
from VDDA
Iload = 0 µA
-
16
25
µA
Iload = 500 µA
-
18
30
Iload = 4 mA
-
35
50
1. Guaranteed by design.
2. In degraded mode, the voltage reference buffer can not maintain accurately the output voltage which will follow (VDDA -
drop voltage).
3. The temperature coefficient at VREF+ output is the sum of TCoeff_vrefint and TCoeff_vrefbuf.
4. The capacitive load must include a 100 nF capacitor in order to cut-off the high frequency noise.
5. To correctly control the VREFBUF inrush current during start-up phase and scaling change, the VDDA voltage should be in
the range [2.4 V to 3.6 V] and [2.8 V to 3.6 V] respectively for VRS = 0 and VRS = 1.
Table 66. VREFBUF characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 67. COMP characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply
voltage
-1.62
-
3.6
V
VIN
Comparator
input voltage range
-0
-
VDDA
V
VBG(2)
Scaler input voltage
-
VREFINT
V
VSC
Scaler offset voltage
-
-
±5
±10
mV
IDDA(SCALER)
Scaler static
consumption from
VDDA
BRG_EN=0 (bridge disable)
-
200
300
nA
BRG_EN=1 (bridge enable)
-
0.8
1
µA
tSTART_SCALER Scaler startup time
-
-
100
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com