Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 111Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 112Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 113Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 114Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 115Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 116Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 117Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 118Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 159 page
background image
DS13564 Rev 4
115/159
STM32G0C1xC/xE
Electrical characteristics
124
5.3.22
VBAT monitoring characteristics
5.3.23
Timer characteristics
The parameters given in the following tables are guaranteed by design. Refer to
Section 5.3.14: I/O port characteristics for details on the input/output alternate function
characteristics (output compare, input capture, external clock, PWM output).
tS_temp(1)
ADC sampling time when reading the temperature
5
-
-
µs
IDD(TS)(1)
Temperature sensor consumption from VDD, when
selected by ADC
-4.7
7
µA
1. Guaranteed by design.
2. Based on characterization results, not tested in production.
3. Measured at VDDA = 3.0 V ±10 mV. The V30 ADC conversion result is stored in the TS_CAL1 byte.
4.
Continuous mode means Run/Sleep modes, or temperature sensor enable in Low-power run/Low-power sleep modes.
Table 68. TS characteristics (continued)
Symbol
Parameter
Min
Typ
Max
Unit
Table 69. VBAT monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-39-
kΩ
Q
Ratio on VBAT measurement
-
3
-
-
Er(1)
Error on Q
-10
-
10
%
tS_vbat(1)
ADC sampling time when reading the VBAT
12
-
-
µs
1. Guaranteed by design.
Table 70. VBAT charging characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
RBC
Battery
charging
resistor
VBRS = 0
-
5
-
kΩ
VBRS = 1
-
1.5
-
Table 71. TIMx(1) characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
-1
-
tTIMxCLK
fTIMxCLK = 64 MHz
15.625
-
ns
fEXT
Timer external clock frequency
on CH1 to CH4
-0
fTIMxCLK/2
MHz
fTIMxCLK = 64 MHz
0
40
ResTIM
Timer resolution
TIMx (except TIM2)
-
16
bit
TIM2
-
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com