Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 107Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 108Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 109Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 110Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 111Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 112Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 113Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 114Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 159 page
background image
DS13564 Rev 4
111/159
STM32G0C1xC/xE
Electrical characteristics
124
.
Table 65. DAC accuracy(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DNL
Differential non
linearity (2)
DAC output buffer ON
-
-
±2
LSB
DAC output buffer OFF
-
-
±2
-
monotonicity
10 bits
guaranteed
INL
Integral non
linearity(3)
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
--
±4
DAC output buffer OFF
CL ≤ 50 pF, no RL
--
±4
Offset
Offset error at
code 0x800(3)
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
VREF+ = 3.6 V
-
-
±12
VREF+ = 1.8 V
-
-
±25
DAC output buffer OFF
CL ≤ 50 pF, no RL
--
±8
Offset1
Offset error at
code 0x001(4)
DAC output buffer OFF
CL ≤ 50 pF, no RL
--
±5
OffsetCal
Offset Error at
code 0x800
after calibration
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
VREF+ = 3.6 V
-
-
±5
VREF+ = 1.8 V
-
-
±7
Gain
Gain error(5)
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
--
±0.5
%
DAC output buffer OFF
CL ≤ 50 pF, no RL
--
±0.5
TUE
Total
unadjusted
error
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
--
±30
LSB
DAC output buffer OFF
CL ≤ 50 pF, no RL
--
±12
TUECal
Total
unadjusted
error after
calibration
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
--
±23
LSB
SNR
Signal-to-noise
ratio
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
1 kHz, BW 500 kHz
-71.2
-
dB
DAC output buffer OFF
CL ≤ 50 pF, no RL, 1 kHz
BW 500 kHz
-71.6
-
THD
Total harmonic
distortion
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz
--78
-
dB
DAC output buffer OFF
CL ≤ 50 pF, no RL, 1 kHz
--79
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com