Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 133Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 134Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 135Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 136Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 137Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 138Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 139Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 140Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 159 page
background image
DS13564 Rev 4
137/159
STM32G0C1xC/xE
Package information
154
6.5
WLCSP52 package information
WLCSP52 is a 52-ball, 3.09 x 3.15 mm, 0.4 mm pitch, wafer-level chip-scale package.
Figure 49. WLCSP52 - Outline
1. Drawing is not to scale.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
4. Bump position designation per JESD 95-1, SPP-010.
Table 84. WLCSP52 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
-
-
0.58
-
-
0.023
A1
-
0.17
-
-
0.007
-
A2
-
0.38
-
-
0.015
-
A3(3)
-
0.025
-
-
0.001
-
G
E
e2
F
D
e1
aaa
(4x)
DETAIL B
A
B
C
D
E
F
G
H
1
2
3
4
5
6
7
8
9
10
11
12
13
A1 BALL ORIENTATION
bbb Z
A1
A2
A
A2
DETAIL A
DETAIL A
BUMP
SEATING PLANE
DETAIL B
ccc
ddd
Z
Z
XY
b(52x)
Z
eee Z
BOTTOM VIEW
TOP VIEW
SIDE VIEW
FRONT VIEW
B0BG_WLCSP52_ME_V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com