Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 139 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 135Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 136Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 137Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 138Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 139Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 140Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 141Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 142Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 159 page
background image
DS13564 Rev 4
139/159
STM32G0C1xC/xE
Package information
154
Device marking
The following figure gives an example of topside marking orientation versus ball A1 identifier
location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks that identify the parts throughout supply chain
operations, are not indicated below.
Figure 51. WLCSP52 package marking example
1. Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST's Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
Table 85. WLCSP52 - Recommended PCB design rules
Dimension
Recommended values
Pitch
0.4 mm
Dpad
0,225 mm
Dsm
0.290 mm typ. (depends on soldermask registration
tolerance)
Stencil opening
0.250 mm
Stencil thickness
0.100 mm
G0C1E6
R
Y WW
Product identification
(1)
Date code
Revision code
Pin 1 identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com