Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 48 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 44Page - STMicroelectronics VNF1048FTR Datasheet HTML 45Page - STMicroelectronics VNF1048FTR Datasheet HTML 46Page - STMicroelectronics VNF1048FTR Datasheet HTML 47Page - STMicroelectronics VNF1048FTR Datasheet HTML 48Page - STMicroelectronics VNF1048FTR Datasheet HTML 49Page - STMicroelectronics VNF1048FTR Datasheet HTML 50Page - STMicroelectronics VNF1048FTR Datasheet HTML 51Page - STMicroelectronics VNF1048FTR Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
Contents
1
Block diagram and pin description .................................................2
2
Electrical specification.............................................................4
2.1
Absolute maximum ratings....................................................... 4
2.2
Thermal data .................................................................. 5
2.3
Main electrical characteristics .................................................... 6
3
eFuse function ...................................................................15
4
Self Test ..........................................................................17
4.1
Current Sense Self Test ....................................................... 17
4.2
External FET VDS Detection Self Test ............................................ 18
4.3
External FET Stuck-on Self Test ................................................. 20
5
Protections .......................................................................22
5.1
Battery undervoltage shutdown .................................................. 22
5.2
Device overtemperature shutdown ............................................... 22
5.3
External MOSFET overtemperature shutdown ..................................... 22
5.4
External MOSFET desaturation shut-down ........................................ 22
5.5
Hard short circuit latch-off ...................................................... 23
5.6
Current vs time latch-off ........................................................ 23
5.7
Low Current Bypass desaturation shut-down ...................................... 23
6
SPI functional description ........................................................24
6.1
SPI Communication ........................................................... 24
6.2
Signal description ............................................................. 25
6.3
SPI protocol .................................................................. 26
6.4
Operating code definition ...................................................... 27
6.5
Write mode................................................................... 27
6.6
Read mode .................................................................. 28
6.7
Read and clear status command................................................. 28
6.8
SPI device information ......................................................... 29
6.9
Special commands ............................................................ 29
6.10
Global status byte ............................................................. 30
VNF1048F
Contents
DS13084 - Rev 6
page 48/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com