Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNF1048FTR Datasheet(PDF) 35 Page - STMicroelectronics

Part # VNF1048FTR
Description  High-side switch Controller with intelligent fuse protection for 12 V, 24 V and 48 V automotive applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF1048FTR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button VNF1048FTR Datasheet HTML 31Page - STMicroelectronics VNF1048FTR Datasheet HTML 32Page - STMicroelectronics VNF1048FTR Datasheet HTML 33Page - STMicroelectronics VNF1048FTR Datasheet HTML 34Page - STMicroelectronics VNF1048FTR Datasheet HTML 35Page - STMicroelectronics VNF1048FTR Datasheet HTML 36Page - STMicroelectronics VNF1048FTR Datasheet HTML 37Page - STMicroelectronics VNF1048FTR Datasheet HTML 38Page - STMicroelectronics VNF1048FTR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Bit
Default
Name
Description
8 ÷ 5
0000
NTC_THR
Configures a threshold for External MOSFET over-temperature shutdown via NTC. The
threshold can be set in the range 37.50 to 110.92.
See Table 17
4 ÷ 3
00
WD_TIME
Watchdog time selection:
00: tWD = 50ms
01: tWD = 100ms
10: tWD = 150ms
11: tWD = 200ms
2
0
DIS_OUT_MODE
Outputs status in Locked state:
0: leave output and bypass as they are (default)
1: shut off output and bypass
1
0
WD_TRIG
In order to keep device in Unlocked Mode, this bit must be cyclically toggled within a
period equal to tWD to refresh the watchdog.
0
Parity Bit
Odd Parity Bit Check
6.14
Status registers
Table 38. SR#1: Status Register 1; Address 11h (ID 14.1)
Bit
Default
Name
Description
Access
23 ÷ 19
unused
18
0
DIS_OUT_FAULT
Disable Output Fault:
a transition to Locked Mode state causes this bit to be set to 1, but only when
DIS_OUT_MODE = 1.
When DIS_OUT_FAULT = 1, both High Side and Bypass are switched off.
R/C
17
0
SELFTEST
Self-Test state flag bit
R
16
0
OUTST
High Side Gate Driver Status Bit
1: HS Gate Driver turned on
0: HS Gate Driver turned off
R
15
0
BYPASSST
Low Current Bypass Status Bit
1: LCB turned on
0: LCB turned off
R
14
0
WAKEUPM
Wake Up mode flag bit
R
13
0
LOCKEDM
Locked Mode flag bit
R
12
0
HWLO_ST
HWLO mirror bit: provides the logical level of HWLO pin after having applied a
symmetrical filter on both its rising and falling edges (filtering time is tHWLO)
R
11
0
VS_UV
VS undervoltage “real-time” bit
0: VS >VUSD + VS_USD_HYS
1: VS ≤ VS_USD If the battery supply voltage VS falls below the under-voltage
shutdown threshold, then the External MOSFET, the charge pump and the
bypass switch are switched off.
R
10
0
HSHT
Hard short circuit latch-off: a hard short circuit shut-down of the MOSFET
(HSHT = 1) and the bypass switch occurs when the current sense voltage
exceeds the preset threshold.
The MOSFET and the bypass switch are re-armed via SPI.
R/C
VNF1048F
Status registers
DS13084 - Rev 6
page 35/52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com